Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F273Z4 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST10F273Z4
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST10F273Z4 Datasheet HTML 178Page - STMicroelectronics ST10F273Z4 Datasheet HTML 179Page - STMicroelectronics ST10F273Z4 Datasheet HTML 180Page - STMicroelectronics ST10F273Z4 Datasheet HTML 181Page - STMicroelectronics ST10F273Z4 Datasheet HTML 182Page - STMicroelectronics ST10F273Z4 Datasheet HTML 183Page - STMicroelectronics ST10F273Z4 Datasheet HTML 184Page - STMicroelectronics ST10F273Z4 Datasheet HTML 185Page - STMicroelectronics ST10F273Z4 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 188 page
background image
Known limitations
ST10F273Z4
182/188
However, in certain cases, the PWRDN instruction is not ignored, no further instructions are
fetched from external memory, and the CPU is in a quasi-idle state. This problem only
occurs in the following situations:
1.
The instructions following the PWRDN instruction are located in an external memory
and a multiplexed bus configuration with memory tri-state waitstate (bit MTTCx = 0) is
used.
2.
The instruction preceding the PWRDN instruction writes to the external memory or to
an XPeripheral (such as XRAM or CAN) and the instructions following the PWRDN
instruction are located in external memory area. In this case, the problem occurs for all
bus configurations.
Note: The on-chip peripherals, such as the watchdog timer, still operate properly. If the
watchdog timer is not disabled, it resets the device upon an overflow event. However,
interrupts and PEC transfers cannot be processed. Power-down mode is entered if
the NMI signal is asserted low while the device is in this quasi-idle state.
No problem occurs and the device normally enters Power-down mode if the NMI pin is held
low (PWDCFG = 0) or if all Port 2 pins used to exit from Power-down mode are at inactive
level (PWDCFG = 1).
Workaround
To prevent this problem from occurring, the PWRDN instruction must be preceded by
instructions performing write operations to external memory area or to an XPeripheral.
Otherwise, it is recommended to insert a NOP instruction before PWRDN.
When using a multiplexed bus with memory tri-state wait state, the PWRDN instruction must
be executed from internal RAM or XRAM.
25.1.6
Behavior of CAPCOM outputs in COMPARE mode 3
Description
When a CAPCOM channel is configured in compare mode 3, then the related output level
switches to high when the allocated timer, Tx, matches the related CAPCOM register, CCy.
When an overflow occurs on the CAPCOM timer Tx, it is reloaded with TxREL content and
the output pin is cleared. The output pin level does not change if TxREL and CCy have the
same value.
The related CAPCOM output stays low when the CAPCOM channel is configured in
compare mode 3 and TxREL and Tx related timer registers are loaded with the same value
as CCy. This is obtained by executing the following instructions:
MOV TxREL, #CCy value x =0,1,7,8
MOV Tx, #CCy value x = 0,1,7,8
MOV TxxCON, #data or bfldl/bfldh TxxCON , #mask, #data i.e. an
access is made to the T01CON or T78CON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com