Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F273Z4Q3 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST10F273Z4Q3
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4Q3 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST10F273Z4Q3 Datasheet HTML 37Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 38Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 39Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 40Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 41Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 42Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 43Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 44Page - STMicroelectronics ST10F273Z4Q3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 188 page
background image
ST10F273Z4
Internal Flash memory
41/188
Then the operation can be resumed in the following way:
FCR0H
|= 0x0800;
/*Set SER in FCR0H*/
FCR0H
|= 0x8000;
/*Operation resume*/
Before resuming a suspended Erase, FCR1H/FCR1L must be read to check if the Erase is
already completed (FCR1H = FCR1L = 0x0000 if Erase is complete). Original setup of
Select Operation bits in FCR0H/L must be restored before the operation resume, otherwise
the operation is aborted and bit RESER of FER is set.
Erase suspend, program and resume
A Sector Erase operation can be suspended in order to program (Word or Double Word)
another sector.
Example: Sector Erase of sector B0F1.
FCR0H
|= 0x0880;
/*Set SER in FCR0H, SMOD must be set*/
FCR1L
|= 0x0002;
/*Set B0F1*/
FCR0H
|= 0x8000;
/*Operation start*/
Example: Sector Erase Suspend.
FCR0H
|= 0x4000;
/*Set SUSP in FCR0H*/
do
/*Loop to wait for LOCK=0 and WMS=0*/
{tmp1
= FCR0L;
tmp2
= FCR0H;
} while ((tmp1 && 0x0010) || (tmp2 && 0x8000));
Example: Word Program of data 0x5555AAAA at address 0x045554.
FCR0H
&= 0xBFFF;
/*Rst SUSP in FCR0H*/
FCR0H|= 0x2080;/*Set WPG in FCR0H, SMOD must be set*/
FARL
= 0x5554;
/*Load Add in FARL*/
FARH
= 0x0004;
/*Load Add in FARH*/
FDR0L
= 0xAAAA;
/*Load Data in FDR0L*/
FDR0H
= 0x5555;
/*Load Data in FDR0H*/
FCR0H
|= 0x8000;
/*Operation start*/
Once the Program operation is finished, the Erase operation can be resumed in the
following way:
FCR0H|= 0x0800;/*Set SER in FCR0H*/
FCR0H|= 0x8000;/*Operation resume*/
Notice that during the Program Operation in Erase suspend, bits SER and SUSP are low. A
Word or Double Word Program during Erase Suspend cannot be suspended.
In summary:
A Sector Erase can be suspended by setting SUSP bit.
●
To perform a Word Program operation during Erase Suspend, firstly bits SUSP and
SER must be reset, then bit WPG and WMS can be set.
●
To resume the Sector Erase operation bit SER must be set again.
●
In any case it is forbidden to start any write operation with SUSP bit already set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com