Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F273Z4T3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST10F273Z4T3
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4T3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST10F273Z4T3 Datasheet HTML 8Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 9Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 10Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 11Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 12Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 13Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 14Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 15Page - STMicroelectronics ST10F273Z4T3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 188 page
background image
Introduction
ST10F273Z4
12/188
restrictions and functional differences due to the XBUS peculiarities are present
between the classic PWM and the new XPWM.
●
An I2C interface on the XBUS is added (see X-I2C or simply I2C interface).
●
CLKOUT function can output either the CPU clock (like in ST10F269) or a software
programmable prescaled value of the CPU clock.
●
On-chip RAM memory and FLASH size have been increased.
●
PLL multiplication factors have been adapted to new frequency range.
●
A/D Converter is not fully compatible versus ST10F269 (timing and programming
model). Formula for the conversion time is still valid, while the sampling phase
programming model is different.
Besides, additional 8 channels are available on P1L pins as alternate function: The
accuracy reachable with these extra channels is reduced with respect to the standard
Port5 channels.
●
External Memory bus is affected by limitations on maximum speed and maximum
capacitance load: ST10F273Z4 is not able to address an external memory at 64 MHz
with 0 wait states.
●
XPERCON register bit mapping modified according to new peripherals implementation
(not fully compatible with ST10F269).
●
Bondout chip for emulation (ST10R201) cannot achieve more than 50MHz at room
temperature (so no real-time emulation possible at maximum speed).
●
Input section characteristics are different. The threshold programmability is extended to
all port pins (additional XPICON register); it is possible to select standard TTL (with up
to 400mV of hysteresis) and standard CMOS (with up to 750mV of hysteresis).
●
Output transition is not programmable.
●
CAN module is enhanced: ST10F273Z4 implements two C-CAN modules, so the
programming model is slightly different. Besides, the possibility to map in parallel the
two CAN modules is added (on P4.5/P4.6).
●
On-chip main oscillator input frequency range has been reshaped, reducing it from 1 to
25 MHz down to 4 to 12 MHz. This is a low power oscillator amplifier, that allows a
power consumption reduction when Real-Time Clock is running in Power down mode,
using as reference the on-chip main oscillator clock. When this on-chip amplifier is
used as reference for Real-Time Clock module, the Power-down consumption is
dominated by the consumption of the oscillator amplifier itself.
●
A second on-chip oscillator amplifier circuit (32 kHz) is implemented for low power
modes: it can be used to provide the reference to the Real-Time Clock counter (either
in Power down or Stand-by mode). Pin XTAL3 and XTAL4 replace a couple of VDD/VSS
pins of ST10F269.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com