Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F296TR Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 53Page - STMicroelectronics ST10F296TR Datasheet HTML 54Page - STMicroelectronics ST10F296TR Datasheet HTML 55Page - STMicroelectronics ST10F296TR Datasheet HTML 56Page - STMicroelectronics ST10F296TR Datasheet HTML 57Page - STMicroelectronics ST10F296TR Datasheet HTML 58Page - STMicroelectronics ST10F296TR Datasheet HTML 59Page - STMicroelectronics ST10F296TR Datasheet HTML 60Page - STMicroelectronics ST10F296TR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Internal Flash memory
57/346
5.4
Protection strategy
The protection bits are stored in non-volatile Flash cells inside the XFlash module. They are
read once at reset and stored in seven volatile registers. Before they are read from the non-
volatile cells, all available protections are forced active during reset.
Protection can be programmed using the set protection operation (see the Flash control
registers of Section 5.3), that can be executed from all the internal or external memories
except from the Flash bank, B2.
Two kinds of protection are available:
●
Write protections to avoid unwanted writings
●
Access protections to avoid piracy
5.4.1
Protection registers
This section describes the seven non-volatile protection registers and their architectural
limitations. These registers are one time programmable.
Four registers (FNVWPXRL/H-FNVWPIRL/H) are used to store the write protection fuses
respectively for each sector of the XFlash module (see ‘X’ in the sections below) and IFlash
module (see ‘I’ in the sections below). The other three registers (FNVAPR0 and
FNVAPR1L/H) are used to store the access protection fuses (common to both Flash
modules, though, with some limitations).
Flash non-volatile write protection X register low (FNVWPXRL)
FNVWPXRL (0x0E DFB0)
NVR
Delivery value: FFFFh
15
14
13
12
11
10
9
87654
3
2
1
0
W2PPR
Reserved
W2P2 W2P1 W2P0
RW
-
RWRWRW
Table 26.
FNVWPXRL register description
Bit
Bit name
Function
15
W2PPR
Write protection Bank 2 non-volatile cells
This bit, if programmed at 0, disables any write access to the non-
volatile cells of Bank 2. Since these non-volatile cells are dedicated to
protection registers, once the W2PPR bit is set, the configuration of
protection setting is frozen, and can only be modified by executing a
temporary write unprotection operation.
14-3
-
Reserved
2-0
W2P[2:0]
Write protection Bank 2 sectors 2-0 (XFlash)
These bits, if programmed at 0, disable any write access to the sectors
of Bank 2 (XFlash).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com