Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F296TR Datasheet(PDF) 240 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 240 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 236Page - STMicroelectronics ST10F296TR Datasheet HTML 237Page - STMicroelectronics ST10F296TR Datasheet HTML 238Page - STMicroelectronics ST10F296TR Datasheet HTML 239Page - STMicroelectronics ST10F296TR Datasheet HTML 240Page - STMicroelectronics ST10F296TR Datasheet HTML 241Page - STMicroelectronics ST10F296TR Datasheet HTML 242Page - STMicroelectronics ST10F296TR Datasheet HTML 243Page - STMicroelectronics ST10F296TR Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Power reduction modes
ST10F296E
240/346
21
Power reduction modes
Three different power reduction modes with different levels of power saving have been
implemented in the ST10F296E. In idle mode, the CPU is stopped, but, peripherals still
operate. In power-down mode, both the CPU and peripherals are stopped. In stand-by
mode, the main power supply (VDD) can be turned off while a portion of the internal RAM
remains powered via the dedicated power pin, VSTBY.
Idle and power-down modes are software activated by a protected instruction and are
terminated in different ways as described in the following sections.
Stand-by mode is entered by removing VDD and holding the MCU under reset state.
21.1
Idle mode
Idle mode is entered by running the IDLE protected instruction. CPU operation is stopped
but, the peripherals continue to run.
Idle mode is terminated by any interrupt request. Whether the interrupt is serviced or not,
the instruction following the IDLE instruction, is executed after a return from the interrupt
instruction (RETI). The CPU then resumes normal programming.
Note that a PEC transfer keeps the CPU in idle mode. If the PEC transfer does not succeed,
idle mode is terminated. The watchdog timer must be properly programmed to avoid any
disturbance during idle mode.
21.2
Power-down mode
Power-down mode starts by running the PWRDN protected instruction. The internal clock is
stopped, all MCU parts, including the watchdog timer, are put on hold. The only exception is
the RTC, if it has been opportunely programmed, and consequently, the main oscillator
circuits.
When the RTC module is used, and the device is in power-down mode, a reference clock is
needed. Accordingly, the main oscillator is kept running (XTAL1/XTAL2 pins). In this way, the
RTC continues counting using the main oscillator clock signal as a reference.
There are two different operating power-down modes:
●
Protected mode
●
Interruptible mode
The internal RAM contents can be preserved through the voltage that is supplied via the
VDD pins. To verify RAM integrity, some dedicated patterns may be written before entering
power-down mode which must be checked after power-down is resumed.
Power-down mode is entered by executing the PWRDN instruction. Before entering it, the
VREGOFF bit in the XMISC register must be set. In this way, as soon as the PWRDN
command is executed, the main voltage regulator is turned off, and only the low power
voltage regulator remains active.
Note:
Leaving the main voltage regulator active during power-down may lead to unexpected
behavior (example, CPU wake-up). Power consumption is also higher than that specified in
Table 163: DC characteristics on page 295.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com