Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321AR6-Auto Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST72321AR6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR6-Auto Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST72321AR6-Auto Datasheet HTML 92Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 93Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 94Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 95Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 96Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 97Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 98Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 99Page - STMicroelectronics ST72321AR6-Auto Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 243 page
background image
PWM auto-reload timer (ART)
ST72321xx-Auto
96/243
Doc ID 13829 Rev 1
12.3.5
Duty cycle registers (PWMDCRx)
A PWMDCRx register is associated with the OCRx register of each PWM channel to
determine the second edge location of the PWM signal (the first edge location is common to
all channels and given by the ARTARR register). These PWMDCR registers allow the duty
cycle to be set independently for each PWM channel.
12.3.6
Input capture control / status register (ARTICCSR)
PWMDCRx
Reset value: 0000 0000 (00h)
76
543
21
0
DC[7:0]
RW
Table 52.
PWMDCRx register description
Bit
Name
Function
7:0
DC[7:0]
Duty Cycle Data
These bits are set and cleared by software.
ARTICCSR
Reset value: 0000 0000 (00h)
76
543
21
0
Reserved
CS[2:1]
CIE[2:1]
CF[2:1]
-RW
RW
RW
Table 53.
ARTICCSR register description
Bit
Name
Function
7:6
-
Reserved, always read as 0.
5:4
CS[2:1]
Capture Sensitivity
These bits are set and cleared by software. They determine the trigger event
polarity on the corresponding input capture channel.
0: Falling edge triggers capture on channel x
1: Rising edge triggers capture on channel x
3:2
CIE[2:1]
Capture Interrupt Enable
These bits are set and cleared by software. They enable or disable the Input
capture channel interrupts independently.
0: Input capture channel x interrupt disabled
1: Input capture channel x interrupt enabled
1:0
CF[2:1]
Capture Flag
These bits are set by hardware and cleared by software reading the
corresponding ARTICRx register. Each CFx bit indicates that an input capture x
has occurred.
0: No input capture on channel x
1: An input capture has occurred on channel x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com