Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J9-Auto Datasheet(PDF) 215 Page - STMicroelectronics

Part # ST72321J9-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J9-Auto Datasheet(HTML) 215 Page - STMicroelectronics

Back Button ST72321J9-Auto Datasheet HTML 211Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 212Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 213Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 214Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 215Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 216Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 217Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 218Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 243 page
background image
ST72321xx-Auto
Electrical characteristics
Doc ID 13829 Rev 1
215/243
Figure 96.
Typical application with I2C BUS and timing diagram(1)
1.
Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD.
The following table provides the values to be written in the I2CCCR register to obtain the
required I2C SCL line frequency.
Legend:
RP
= External pull-up resistance
fSCL = I
2C speed
Note:
- For speeds around 200 kHz, the achieved speed can have a
±5% tolerance.
- For other speed ranges, the achieved speed can have a
±2% tolerance.
The above variations depend on the accuracy of the external components used.
REPEATED START
START
STOP
START
tf(SDA)
tr(SDA)
tsu(SDA)
th(SDA)
tf(SCK)
tr(SCK)
tw(SCKL)
tw(SCKH)
th(STA)
tsu(STO)
tsu(STA)
tw(STO:STA)
SDA
SCK
4.7k
SDAI
ST72XXX
SCLI
VDD
100
100
VDD
4.7k
I2CBUS
Table 134.
SCL frequency table
fSCL
(kHz)
I2CCCR value
fCPU =4MHz
fCPU =8MHz
VDD = 4.1V
VDD = 5V
VDD = 4.1V
VDD = 5V
RP =3.3k RP =4.7k RP =3.3k RP =4.7k RP =3.3k RP =4.7k RP =3.3k RP =4.7k
400
Not achievable
83h
300
Not achievable
85h
200
83h
8Ah
89h
8Ah
100
10h
24h
23h
24h
23h
50
24h
4Ch
20
5Fh
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com