Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J9-Auto Datasheet(PDF) 216 Page - STMicroelectronics

Part # ST72321J9-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J9-Auto Datasheet(HTML) 216 Page - STMicroelectronics

Back Button ST72321J9-Auto Datasheet HTML 212Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 213Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 214Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 215Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 216Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 217Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 218Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 219Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 243 page
background image
Electrical characteristics
ST72321xx-Auto
216/243
Doc ID 13829 Rev 1
19.12
10-bit ADC characteristics
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Table 135.
10-bit ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
0.4
2
MHz
VAREF
Analog reference voltage
0.7*VDD < VAREF < VDD
3.8
VDD
V
VAIN
Conversion voltage range(1)
VSSA
VAREF
Ilkg
Positive input leakage current for
analog input
-40°C < TA < 85°C range
±250
nA
Other TA ranges
±1
µA
Ilkg
Negative input leakage current on
robust analog pins(2)
VIN <VSS, | IIN |< 400µA
on adjacent robust analog
pin
56
µA
RAIN
External input impedance(3)
See
Figure 97
and
Figure 98
k
CAIN
External capacitor on analog input
pF
fAIN
Variation frequency of analog input
signal
Hz
CADC
Internal sample and hold capacitor
12
pF
tADC
Conversion time (Sample + Hold)
fCPU = 8 MHz, speed = 0,
fADC =2MHz
7.5
µs
tADC
No. of sample capacitor loading
cycles
4
1/fADC
No. of hold conversion cycles
11
1.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
). Data
based on characterization results, not tested in production.
2.
Injecting negative current on any of the analog input pins significantly reduces the accuracy of any conversion being
performed on any analog input. Analog pins of Flash devices can be protected against negative injection by adding a
Schottky diode (pin to ground). Injecting negative current on digital input pins degrades ADC accuracy especially if
performed on a pin close to the analog input pins. Any positive injection current within the limits specified for IINJ(PIN) and
I
INJ(PIN) in Section 19.8 does not affect the ADC accuracy.
3.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
). Data
based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com