Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 147Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 148Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 149Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 150Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 151Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 152Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 153Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 154Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 279 page
background image
ST72361xx-Auto
Serial peripheral interface (SPI)
Doc ID 12468 Rev 3
151/279
Figure 76.
Single master / multiple slave configuration
14.6
Low power modes
Using the SPI to wake up the device from halt mode
In slave configuration, the SPI is able to wake up the device from HALT mode through a
SPIF interrupt. The data received is subsequently read from the SPIDR register when the
software is running (interrupt vector fetch). If multiple data transfers have been performed
before software clears the SPIF bit, then the OVR bit is set by hardware.
Note:
When waking up from HALT mode, if the SPI remains in Slave mode, it is recommended to
perform an extra communications cycle to bring the SPI from HALT mode state to normal
state. If the SPI exits from Slave mode, it returns to normal state immediately.
Caution:
The SPI can wake up the device from HALT mode only if the Slave Select signal (external
SS pin or the SSI bit in the SPICSR register) is low when the device enters HALT mode. So,
if Slave selection is configured as external (see Slave select management), make sure the
master drives a low level on the SS pin when the slave enters HALT mode.
MISO
MOSI
MOSI
MOSI
MOSI
MOSI
MISO
MISO
MISO
MISO
SS
SS
SS
SS
SS
SCK
SCK
SCK
SCK
SCK
5V
Slave
Device
Slave
Device
Slave
Device
Slave
Device
Master
Device
Table 56.
Effect of low power modes on SPI
Mode
Description
WAIT
No effect on SPI.
SPI interrupt events cause the device to exit from WAIT mode.
HALT
SPI registers are frozen.
In HALT mode, the SPI is inactive. SPI operation resumes when the device is
woken up by an interrupt with “exit from HALT mode” capability. The data
received is subsequently read from the SPIDR register when the software is
running (interrupt vector fetching). If several data are received before the wake-
up event, then an overrun error is generated. This error can be detected after
the fetch of the interrupt routine that woke up the Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com