Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 150Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 151Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 152Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 153Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 154Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 155Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 156Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 157Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 279 page
background image
Serial peripheral interface (SPI)
ST72361xx-Auto
154/279
Doc ID 12468 Rev 3
SPIE = 1 in the SPICR register. It is cleared by a software sequence (an access to the
SPICSR register followed by a write or a read to the SPIDR register).
0: Data transfer is in progress or the flag has been cleared.
1: Data transfer between the device and an external device has been completed.
Note:
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
Bit 6 = WCOL Write Collision status (Read only)
This bit is set by hardware when a write to the SPIDR register is done during a transmit
sequence. It is cleared by a software sequence (see Figure 75).
0: No write collision occurred
1: A write collision has been detected
Bit 5 = OVR SPI Overrun error (Read only)
This bit is set by hardware when the byte currently being received in the shift register is
ready to be transferred into the SPIDR register while SPIF = 1 (see Overrun condition
(OVR)). An interrupt is generated if SPIE = 1 in the SPICR register. The OVR bit is cleared
by software reading the SPICSR register.
0: No overrun error
1: Overrun error detected
Bit 4 = MODF Mode Fault flag (Read only)
This bit is set by hardware when the SS pin is pulled low in master mode (see Master mode
fault (MODF)). An SPI interrupt can be generated if SPIE = 1 in the SPICR register. This bit
is cleared by a software sequence (An access to the SPICSR register while MODF = 1
followed by a write to the SPICR register).
0: No master mode fault detected
1: A fault in master mode has been detected
Bit 3 = Reserved, must be kept cleared.
Bit 2 = SOD SPI Output Disable
This bit is set and cleared by software. When set, it disables the alternate function of the SPI
output (MOSI in master mode / MISO in slave mode)
0: SPI output enabled (if SPE = 1)
1: SPI output disabled
Bit 1 = SSM SS Management
This bit is set and cleared by software. When set, it disables the alternate function of the SPI
SS pin and uses the SSI bit value instead. See Slave select management.
0: Hardware management (SS managed by external pin)
1: Software management (internal SS signal controlled by SSI bit. External SS pin free
for general-purpose I/O)
Bit 0 = SSI SS Internal Mode
This bit is set and cleared by software. It acts as a ‘chip select’ by controlling the level of the
SS slave select signal when the SSM bit is set.
0: Slave selected
1: Slave deselected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com