Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 201Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 202Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 203Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 204Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 205Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 206Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 207Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 208Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master only)
Doc ID 12468 Rev 3
205/279
Figure 93.
SCI data clock timing diagram (M = 1)
16.8
Register description
16.8.1
Status register (SCISR)
Read only
Reset value: 1100 0000 (C0h)
Bit 7 = TDRE Transmit data register empty.
This bit is set by hardware when the content of the TDR register has been transferred into
the shift register. An interrupt is generated if the TIE bit = 1 in the SCICR2 register. It is
cleared by a software sequence (an access to the SCISR register followed by a write to the
SCIDR register).
0: data is not transferred to the shift register
1: data is transferred to the shift register
Note:
Data is not be transferred to the shift register until the TDRE bit is cleared.
Bit 6 = TC Transmission complete.
This bit is set by hardware when transmission of a frame containing Data is complete. An
interrupt is generated if TCIE = 1 in the SCICR2 register. It is cleared by a software
sequence (an access to the SCISR register followed by a write to the SCIDR register).
0: transmission is not complete
1: transmission is complete
Note:
TC is not set after the transmission of a Preamble or a Break.
Bit 5 = RDRF Received data ready flag.
This bit is set by hardware when the content of the RDR register has been transferred to the
SCIDR register. An interrupt is generated if RIE = 1 in the SCICR2 register. It is cleared by a
Idle or next
M = 1 (9 data bits)
Clock (CPOL=0, CPHA=1)
Clock (CPOL=1, CPHA=0)
Clock (CPOL=1, CPHA=1)
Start
LSB
MSB Stop
* LBCL bit controls last data clock pulse
Start
Idle or preceding
transmission
Data
Stop
Clock (CPOL=0, CPHA=0)
01
2
3
4
5
6
7
*
*
*
*
8
transmission
7
0
TDRE
TC
RDRF
IDLE
OR
NF
FE
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com