Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 206 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 206 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 202Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 203Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 204Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 205Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 206Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 207Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 208Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 209Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 279 page
background image
LINSCI serial communication interface (LIN master only)
ST72361xx-Auto
206/279
Doc ID 12468 Rev 3
software sequence (an access to the SCISR register followed by a read to the SCIDR
register).
0: data is not received
1: received data is ready to be read
Bit 4 = IDLE Idle line detect.
This bit is set by hardware when an Idle Line is detected. An interrupt is generated if the
ILIE = 1 in the SCICR2 register. It is cleared by a software sequence (an access to the
SCISR register followed by a read to the SCIDR register).
0: no idle line is detected
1: idle line is detected
Note:
The IDLE bit is not be set again until the RDRF bit has been set itself (that is, a new idle line
occurs).
Bit 3 = OR Overrun error.
This bit is set by hardware when the word currently being received in the shift register is
ready to be transferred into the RDR register while RDRF = 1. An interrupt is generated if
RIE = 1 in the SCICR2 register. It is cleared by a software sequence (an access to the
SCISR register followed by a read to the SCIDR register).
0: no overrun error
1: overrun error is detected
Note:
When this bit is set, the RDR register content is not lost but the shift register is overwritten.
Bit 2 = NF Noise flag.
This bit is set by hardware when noise is detected on a received frame. It is cleared by a
software sequence (an access to the SCISR register followed by a read to the SCIDR
register).
0: no noise is detected
1: noise is detected
Note:
This bit does not generate interrupt as it appears at the same time as the RDRF bit which
itself generates an interrupt.
Bit 1 = FE Framing error.
This bit is set by hardware when a de-synchronization, excessive noise or a break character
is detected. It is cleared by a software sequence (an access to the SCISR register followed
by a read to the SCIDR register).
0: no framing error is detected
1: framing error or break character is detected
Note:
This bit does not generate an interrupt as it appears at the same time as the RDRF bit which
itself generates an interrupt. If the word currently being transferred causes both frame error
and overrun error, it is transferred and only the OR bit is set.
Bit 0 = PE Parity error.
This bit is set by hardware when a parity error occurs in receiver mode. It is cleared by a
software sequence (a read to the status register followed by an access to the SCIDR data
register). An interrupt is generated if PIE = 1 in the SCICR1 register.
0: no parity error
1: parity error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com