Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 212 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 212 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 208Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 209Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 210Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 211Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 212Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 213Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 214Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 215Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 279 page
background image
LINSCI serial communication interface (LIN master only)
ST72361xx-Auto
212/279
Doc ID 12468 Rev 3
Note:
This RR factor is used only when the ERPR fine tuning factor is equal to 00h; otherwise, RR
is replaced by the (RR*ERPR) dividing factor.
16.8.7
Extended receive prescaler division register (SCIERPR)
Read/ write
Reset value: 0000 0000 (00h)
Bits 7:0 = ERPR[7:0] 8-bit Extended Receive Prescaler Register.
The extended baud rate generator is activated when a value other than 00h is stored in this
register. The clock frequency from the 16 divider (see Figure 90) is divided by the binary
factor set in the SCIERPR register (in the range 1 to 255).
The extended baud rate generator is not active after a reset.
16.8.8
Extended transmit prescaler division register (SCIETPR)
Read/ write
Reset value: 0000 0000 (00h)
Bits 7:0 = ETPR[7:0] 8-bit Extended Transmit Prescaler Register.
The extended baud rate generator is activated when a value other than 00h is stored in this
register. The clock frequency from the 16 divider (see Figure 90) is divided by the binary
factor set in the SCIETPR register (in the range 1 to 255).
The extended baud rate generator is not active after a reset.
Table 79.
Receiver rate divider
RR dividing factor
SCR2
SCR1
SCR0
1
0
0
0
21
4
1
0
81
16
1
0
0
32
1
64
1
0
128
1
7
0
ERPR7
ERPR6
ERPR5
ERPR4
ERPR3
ERPR2
ERPR1
ERPR0
7
0
ETPR7
ETPR6
ETPR5
ETPR4
ETPR3
ETPR2
ETPR1
ETPR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com