Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 216 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 216 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 212Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 213Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 214Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 215Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 216Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 217Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 218Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 219Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 279 page
background image
10-bit A/D converter (ADC)
ST72361xx-Auto
216/279
Doc ID 12468 Rev 3
17.3.3
Changing the conversion channel
The application can change channels during conversion. When software modifies the
CH[3:0] bits in the ADCCSR register, the current conversion is stopped, the EOC bit is
cleared, and the A/D converter starts converting the newly selected channel.
17.3.4
ADCDR consistency
If an End Of Conversion event occurs after software has read the ADCDRLSB but before it
has read the ADCDRMSB, there would be a risk that the two values read would belong to
different samples.
To guarantee consistency:
●
The ADCDRL and the ADCDRH registers are locked when the ADCCRL is read
●
The ADCDRL and the ADCDRH registers are unlocked when the ADCDRH register is
read or when ADON is reset.
This is important, as the ADCDR register will not be updated until the ADCDRH register is
read.
17.4
Low power modes
Note:
The A/D converter may be disabled by resetting the ADON bit. This feature allows reduced
power consumption when no conversion is needed and between single shot conversions.
17.5
Interrupts
None.
17.6
Register description
17.6.1
Control/status register (ADCCSR)
Read/ write (except bit 7 read only)
Reset value: 0000 0000 (00h)
Table 82.
Effect of low power modes on ADC
Mode
Description
WAIT
No effect on A/D converter
HALT
A/D converter disabled.
After wakeup from Halt mode, the A/D converter requires a stabilization time
tSTAB (see Electrical Characteristics) before accurate conversions can be
performed.
7
0
EOC
SPEED
ADON
SLOW
CH3
CH2
CH1
CH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com