Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 217 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 217 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 213Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 214Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 215Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 216Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 217Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 218Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 219Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 220Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 279 page
background image
ST72361xx-Auto
10-bit A/D converter (ADC)
Doc ID 12468 Rev 3
217/279
Bit 7 = EOC End of Conversion
This bit is set by hardware. It is cleared by software reading the ADCDRH register or writing
to any bit of the ADCCSR register.
0: conversion is not complete
1: conversion complete
Bit 6 = SPEED A/D clock selection
This bit is set and cleared by software.
Bit 5 = ADON A/D Converter on
This bit is set and cleared by software.
0: disable ADC and stop conversion
1: enable ADC and start conversion
Bit 4 = SLOW A/D Clock Selection
This bit is set and cleared by software. It works together with the SPEED bit. Refer to
Table 91.
Bits 3:0 = CH[3:0] Channel Selection
These bits are set and cleared by software. They select the analog input to convert.
Table 83.
A/D clock selection
fADC
Slow
Speed
fCPU/2
0
0
fCPU (where fCPU <= 4 MHz)
1
fCPU/4
1
0
fCPU/2 (same frequency as SLOW = 0, SPEED = 0)
1
Table 84.
ADC channel selection
Channel pin(1)
CH3
CH2
CH1
CH0
AIN0
0
0
0
0
AIN1
1
AIN2
1
0
AIN3
1
AIN4
1
0
0
AIN5
1
AIN6
1
0
AIN7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com