Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 262 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 262 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 258Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 259Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 260Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 261Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 262Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 263Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 264Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 265Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 279 page
background image
Device configuration and ordering information
ST72361xx-Auto
262/279
Doc ID 12468 Rev 3
OPT5:4 = OSCTYPE[1:0] Oscillator Type
These option bits select the ST7 main clock source type.
OPT3:2 = OSCRANGE[1:0] Oscillator range
If the resonator oscillator type is selected, these option bits select the resonator oscillator.
This selection corresponds to the frequency range of the resonator used. If external source
is selected with the OSCTYPE option, then the OSCRANGE option must be selected with
the corresponding range.
Table 116.
Alternate function remapping 1
AFI mapping 1
AFI_MAP(1)
T16_OCMP1 on PD3
T16_OCMP2 on PD5
T16_ICAP1 on PD4
LINSCI2_SCK not available
LINSCI2_TDO not available
LINSCI2_RDI not available
0
T16_OCMP1 on PB6
T16_OCMP2 on PB7
T16_ICAP1 on PC0
LINSCI2_SCK on PD3
LINSCI2_TDO on PD5
LINSCI2_RDI on PD4
1
Table 117.
Alternate function remapping 0
AFI mapping 0
AFI_MAP(0)
T16_ICAP2 is mapped on PD1
0
T16_ICAP2 is mapped on PC1
1
Table 118.
OSCTYPE selection
Clock source
OSCTYPE
10
Resonator oscillator
0
0
Reserved
1
Reserved internal clock source (used only in ICC mode)
1
0
External source
1
Table 119.
OSCRANGE selection
Typical frequency range
OSCRANGE
10
LP
1~2 MHz
0
0
MP
2~4 MHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com