Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 264 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 264 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 260Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 261Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 262Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 263Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 264Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 265Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 266Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 267Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 279 page
background image
Device configuration and ordering information
ST72361xx-Auto
264/279
Doc ID 12468 Rev 3
21.2.2
Flash ordering information
The following Figure 152 serves as a guide for ordering.
Figure 128. ST72F361xx-Auto Flash commercial product structure
1.
For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales Office nearest
to you.
ST72
F
361
K
6
T
A
X
S
Product class
ST72 microcontroller
Pin count
K = 32 pins
J = 44 pins
AR = 64 pins 10 X 10 mm
Package type
T = LQFP
Example:
Sub-family type
361 = 361 sub-family
Family type
F = Flash
Temperature range
A = -40 °C to 85 °C
C = -40 °C to 125 °C
Program memory size
4 = 16 Kbytes
6 = 32 Kbytes
7 = 48 Kbytes
9 = 60 Kbytes
Tape and Reel conditioning options (left blank if Tray)
TR or R = Pin 1 left-oriented
TX or X = Pin 1 right-oriented (EIA 481-C compliant)
ECOPACK/Fab code
Blank or E = Lead-free ECOPACK® Phoenix Fab
S = Lead-free ECOPACK® Catania Fab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com