Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L151C3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8L151C3
Description  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C3 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8L151C3 Datasheet HTML 1Page - STMicroelectronics STM8L151C3 Datasheet HTML 2Page - STMicroelectronics STM8L151C3 Datasheet HTML 3Page - STMicroelectronics STM8L151C3 Datasheet HTML 4Page - STMicroelectronics STM8L151C3 Datasheet HTML 5Page - STMicroelectronics STM8L151C3 Datasheet HTML 6Page - STMicroelectronics STM8L151C3 Datasheet HTML 7Page - STMicroelectronics STM8L151C3 Datasheet HTML 8Page - STMicroelectronics STM8L151C3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
This is information on a product in full production.
May 2017
DocID018780 Rev 9
1/122
STM8L151C2/K2/G2/F2
STM8L151C3/K3/G3/F3
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 B data
EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
Datasheet
- production data
Features
• Operating conditions
– Operating power supply: 1.65 to 3.6 V
(without BOR), 1.8 to 3.6 V (with BOR)
– Temperature range: -40 to 85 or 125 °C
• Low power features
– 5 low-power modes: Wait, Low power run,
Low-power wait, Active-halt with RTC, Halt
– Ultra-low leakage per I/0: 50 nA
– Fast wakeup from Halt: 5 µs
• Advanced STM8 core
– Harvard architecture and 3-stage pipeline
– Max freq: 16 MHz, 16 CISC MIPS peak
– Up to 40 external interrupt sources
• Reset and supply management
– Low-power, ultra safe BOR reset with 5
selectable thresholds
– Ultra-low power POR/PDR
– Programmable voltage detector (PVD)
• Clock management
– 32 kHz and 1-16 MHz crystal oscillators
– Internal 16 MHz factory-trimmed RC
– Internal 38 kHz low consumption RC
– Clock security system
• Low power RTC
– BCD calendar with alarm interrupt
– Digital calibration with +/- 0.5 ppm accuracy
– LSE security system
– Auto-wakeup from Halt w/ periodic interrupt
• Memories
– Up to 8 Kbyte of Flash program memory
plus 256 byte of data EEPROM with ECC
– Flexible write/read protection modes
– 1 Kbyte of RAM
• DMA
– 4 channels supporting ADC, SPI, I2C,
USART, timers
– 1 channel for memory-to-memory
• 12-bit ADC up to 1 Msps/28 channels
– Temp. sensor and internal ref. voltage
• 2 ultra-low-power comparators
– 1 with fixed threshold and 1 rail to rail
– Wakeup capability
• Timers
– Two 16-bit timers with 2 channels (IC, OC,
PWM), quadrature encoder (TIM2, TIM3)
– One 8-bit timer with 7-bit prescaler (TIM4)
– 1 Window and 1 independent watchdog
– Beeper timer with 1, 2 or 4 kHz frequencies
• Communication interfaces
– One synchronous serial interface (SPI)
–Fast I2C 400 kHz
– One USART
• Up to 41 I/Os, all mappable on interrupt vectors
• Up to 20 capacitive sensing channels
supporting touchkey, proximity touch, linear
touch, and rotary touch sensors
• Development support
– Fast on-chip programming and non-
intrusive debugging with SWIM
– Bootloader using USART
• 96-bit unique ID
LQFP48 (7x7 mm)
UFQFPN32 (5x5 mm)
UFQFPN28 (4x4 mm) UFQFPN20 (3x3 mm)
TSSOP20 (6.4x4.4 mm)
www.st.com


Similar Part No. - STM8L151C3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8L151C4 STMICROELECTRONICS-STM8L151C4 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L151C4 STMICROELECTRONICS-STM8L151C4 Datasheet
1Mb / 142P
Advanced STM8 core
07-Apr-2017
STM8L151C4T3 STMICROELECTRONICS-STM8L151C4T3 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
More results

Similar Description - STM8L151C3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F303RD STMICROELECTRONICS-STM32F303RD Datasheet
2Mb / 184P
Reset and supply management
08-Dec-2015
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100RC STMICROELECTRONICS-STM32L100RC Datasheet
1Mb / 104P
Reset and supply management
09-Mar-2015
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com