Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R4-Auto Datasheet(PDF) 272 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 272 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 268Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 269Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 270Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 271Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 272Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 273Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 274Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 275Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 324 page
background image
Electrical characteristics
ST72561-Auto
272/324
Doc ID 12370 Rev 8
20
Electrical characteristics
20.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS.
20.1.1
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA = 25°C and TA =TAmax (given by
the selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and represent the
mean value plus or minus three times the standard deviation (mean±3
Σ).
20.1.2
Typical values
Unless otherwise specified, typical data is based on TA =25°C, VDD = 5V (for the
4.5V
≤VDD ≤5.5V voltage range). They are given only as design guidelines and are not
tested.
Typical ADC accuracy values are determined by characterization of a batch of samples from
a standard diffusion lot over the full temperature range, where 95% of the devices have an
error less than or equal to the value indicated (mean±2
Σ).
20.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
20.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 118.
Figure 118. Pin loading conditions
20.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 119.
CL
ST7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com