Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R4-Auto Datasheet(PDF) 275 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 275 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 271Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 272Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 273Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 274Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 275Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 276Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 277Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 278Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 279Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 324 page
background image
ST72561-Auto
Electrical characteristics
Doc ID 12370 Rev 8
275/324
20.3
Operating conditions
20.3.1
General operating conditions
Figure 120. fCPU maximum vs VDD
20.3.2
Operating conditions with low voltage detector (LVD)
Subject to general operating conditions for TA.
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal clock frequency
0
8
MHz
VDD
Extended operating voltage
No Flash write/ erase.
Analog parameters not
guaranteed.
3.8
4.5
V
Standard operating voltage
4.5
5.5
Operating voltage for flash write/
erase
VPP = 11.4 to 12.6V
TA
Ambient temperature range
A Suffix version
-40
85
°C
C Suffix version
125
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
1
0
3.5
4.0
4.5
5.0
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
3.8
6
5.5
FUNCTIONALITY GUARANTEED IN THIS AREA
UNLESS OTHERWISE SPECIFIED IN THE TABLES OF
PARAMETRIC DATA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD) Reset release threshold (VDD rise)
4.0(1)
1.
Data based on characterization results, not tested in production.
4.2
4.5
V
VIT-(LVD)
Reset generation threshold (VDD
fall)
3.8
4.0
4.25(1)
Vhys(LVD) LVD voltage threshold hysteresis
(1)
VIT+(LVD)-VIT-(LVD)
150
200
250
mV
VtPOR
VDD rise time rate
(1)
6µs/V
100
ms/V
tg(VDD)
VDD glitches filtered (not detected)
by LVD(1)
Measured at VIT-(LVD)
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com