Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R4-Auto Datasheet(PDF) 295 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 295 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 291Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 292Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 293Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 294Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 295Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 296Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 297Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 298Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 324 page
background image
ST72561-Auto
Electrical characteristics
Doc ID 12370 Rev 8
295/324
20.12
Communication interface characteristics
20.12.1
SPI - serial peripheral interface
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SS, SCK, MOSI, MISO).
Table 120.
SPI characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK =1 /tc(SCK) SPI clock frequency
Master, fCPU = 8 MHz
fCPU / 128 = 0.0625 fCPU /4 =2
MHz
Slave, fCPU =8 MHz
0
fCPU /2 =4
tr(SCK)
SPI clock rise and fall
time
See I/O port pin description
tf(SCK)
tsu(SS)
(1)
SS setup time(2)
Slave
(4 x TCPU)+ 50
ns
th(SS)
(1)
SS hold time
120
tw(SCKH)
(1)
SCK high and low time
Master
100
tw(SCKL)
(1)
Slave
90
tsu(MI)
(1)
Data input setup time
Master
100
tsu(SI)
(1)
Slave
th(MI)
(1)
Data input hold time
Master
th(SI)
(1)
Slave
ta(SO)
(1)
Data output access time
Slave
0
120
tdis(SO)
(1)
Data output disable time
240
tv(SO)
(1)
Data output valid time
Slave (after enable edge)
90
th(SO)
(1)
Data output hold time
0
tv(MO)
(1)
Data output valid time
Master (after enable
edge)
120
th(MO)
(1)
Data output hold time
0
1.
Data based on design simulation and/or characterization results, not tested in production.
2.
Depends on fCPU. For example, if fCPU = 8 MHz, then TCPU =1/fCPU = 125ns and tsu(SS) = 550ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com