Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R4-Auto Datasheet(PDF) 298 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 298 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 294Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 295Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 296Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 297Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 298Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 299Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 300Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 301Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 302Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 324 page
background image
Electrical characteristics
ST72561-Auto
298/324
Doc ID 12370 Rev 8
Figure 142. RAIN max vs fADC with CAIN = 0pF
1.
CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus
the pad capacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this,
fADC should be reduced.
2.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than
10k
Ω). Data based on characterization results, not tested in production.
RAIN
External input impedance
see
Figure 142
and
Figure 143
k
Ω
CAIN
External capacitor on analog
input
pF
fAIN
Variation frequency of analog
input signal
Hz
Ilkg
Negative input leakage current
on robust analog pins (refer to
Table 3)
VIN < VSS, | IIN | < 400µA
on adjacent robust
analog pin
56
µA
CADC
Internal sample and hold
capacitor
6pF
tCONV
Conversion time
fADC =4 MHz
3.5
µs
14
1/fADC
IADC
Analog part
Sunk on VDDA
2)
3.6
mA
Digital part
Sunk on VDD
0.2
1.
Data based on characterization results, not tested in production.
2.
When VDDA and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
Table 122.
ADC characteristics (continued)
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
4 MHz
2 MHz
1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com