Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R4-Auto Datasheet(PDF) 300 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 300 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 296Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 297Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 298Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 299Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 300Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 301Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 302Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 303Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 304Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 324 page
background image
Electrical characteristics
ST72561-Auto
300/324
Doc ID 12370 Rev 8
0.1µF and optionally, if needed 10pF capacitors as close as possible to the ST7 power
supply pins and a 1 to 10µF capacitor close to the power source (see Figure 145).
●
The analog and digital power supplies should be connected in a star network. Do not
use a resistor, as VDDA is used as a reference voltage by the A/D converter and any
resistance would cause a voltage drop and a loss of accuracy.
●
Properly place components and route the signal traces on the PCB to shield the analog
inputs. Analog signals paths should run over the analog ground plane and be as short
as possible. Isolate analog signals from digital signals that may switch while the analog
inputs are being sampled by the A/D converter. Do not toggle digital outputs on the
same I/O port as the A/D input being converted.
Software filtering of spurious conversion results
For EMC performance reasons, it is recommended to filter A/D conversion outliers using
software filtering techniques.
Figure 145. Power supply filtering
ADC accuracy
Table 123.
ADC accuracy with fCPU = 8 MHz, fADC = 4 MHz RAIN < 10kW, VDD = 5V
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error(1)
1.
Data based on characterization results, not tested in production. ADC accuracy vs. negative injection
current: injecting negative current on any of the standard (non-robust) analog input pins should be avoided
as this significantly reduces the accuracy of the conversion being performed on another analog input. It is
recommended to add a Schottky diode (pin to ground) to standard analog pins which may potentially inject
negative current. The effect of negative injection current on robust pins is specified in Section 20.9: I/O port
pin characteristics.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 20.9: I/O port
pin characteristics does not affect the ADC accuracy
4Note(2)
2.
Under characterization.
LSB
|EO|
Offset error(1)
2.5
4
|EG|
Gain error(1)
3
|ED|
Differential linearity error(1)
1.5
2
|EL|
Integral linearity error(1)
VSS
VDD
0.1µF
VDD
ST72XXX
VDDA
VSSA
POWER
SUPPLY
SOURCE
ST7
DIGITAL NOISE
FILTERING
EXTERNAL
NOISE
FILTERING
1 to 10µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com