Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R6-Auto Datasheet(PDF) 276 Page - STMicroelectronics

Part # ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Datasheet(HTML) 276 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 272Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 273Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 274Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 275Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 276Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 277Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 278Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 279Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 280Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 324 page
background image
Electrical characteristics
ST72561-Auto
276/324
Doc ID 12370 Rev 8
20.3.3
Auxiliary voltage detector (AVD) thresholds
Subject to general operating conditions for TA.
Figure 121. LVD startup behavior
Note:
When the LVD is enabled, the MCU reaches its authorized operating voltage from a reset
state. However, in some devices, the reset signal may be undefined until VDD is
approximately 2V. As a consequence, the I/Os may toggle when VDD is below this voltage.
Because Flash write access is impossible below this voltage, the Flash memory contents
will not be corrupted.
20.4
Supply current characteristics
The following current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To get
the total device consumption, the two current values must be added (except for HALT mode
for which the clock is stopped).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1
⇒0 AVDF flag toggle
threshold (VDD rise)
4.4(1)
1.
Data based on characterization results, not tested in production.
4.6
4.9
V
VIT-(AVD)
0
⇒1 AVDF flag toggle
threshold (VDD fall)
4.2
4.4
4.65(1)
Vhys(AVD)
AVD voltage threshold
hysteresis
VIT+(AVD)-VIT-(AVD)
250
mV
ΔVIT-
Voltage drop between AVD
flag set and LVD reset
activated
VIT-(AVD)-VIT-(LVD)
450
5V
2V
VIT+
LVD RESET
V D
D
t
Reset state
in this area
not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com