Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R6-Auto Datasheet(PDF) 278 Page - STMicroelectronics

Part # ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Datasheet(HTML) 278 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 274Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 275Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 276Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 277Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 278Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 279Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 280Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 281Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 282Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 324 page
background image
Electrical characteristics
ST72561-Auto
278/324
Doc ID 12370 Rev 8
20.4.2
On-chip peripherals
TA = 25°C, fCPU =8 MHz
.
Table 100.
Clock source current consumption
Symbol
Parameter
Conditions
Typ
Max(1)
1.
Data based on characterization results, not tested in production.
Unit
IDD(RES)
Supply current of resonator
oscillator(2)(3)
2.
Data based on characterization results done with the external components specified in Section 20.5.1:
Crystal and ceramic resonator oscillators, not tested in production.
3.
As the oscillator is based on a current source, the consumption does not depend on the voltage.
See Section 20.5.1: Crystal
and ceramic resonator
oscillators
µA
IDD(PLL) PLL supply current
VDD = 5V
360
IDD(LVD) LVD supply current
HALT mode, VDD = 5V
150
300
Table 101.
Peripheral consumption
Symbol
Parameter
Conditions
Typ
Unit
IDD(TIM) 16-bit timer supply current
(1)
1.
Data based on a differential IDD measurement between reset configuration (timer counter running at
fCPU/4) and timer counter stopped (only TIMD bit set). Data valid for one timer.
VDD = 5.0V
50
µA
IDD(TIM8) 8-bit timer supply current
(1)
IDD(ART) ART PWM supply current
(2)
2.
Data based on a differential IDD measurement between reset configuration (timer stopped) and timer
counter enabled (only TCE bit set).
75
IDD(SPI) SPI supply current
(3)
3.
Data based on a differential IDD measurement between reset configuration (SPI disabled) and a permanent
SPI master communication at maximum speed (data sent equal to 55h).This measurement includes the
pad toggling consumption.
400
IDD(SCI) SCI supply current
(4)
4.
Data based on a differential IDD measurement between SCI low power state (SCID = 1) and a permanent
SCI data transmit sequence. Data valid for one SCI.
IDD(ADC) ADC supply current when converting
(5)
5.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.
IDD(CAN) CAN supply current
(6)
6.
Data based on a differential IDD measurement between reset configuration (CAN disabled) and a
permanent CAN data transmit sequence with RX and TX connected together. This measurement include
the pad toggling consumption.
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com