Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R6-Auto Datasheet(PDF) 321 Page - STMicroelectronics

Part # ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Datasheet(HTML) 321 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 316Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 317Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 318Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 319Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 320Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 321Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 322Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 323Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 324Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 321 / 324 page
background image
ST72561-Auto
Important notes
Doc ID 12370 Rev 8
321/324
Analysis
The LIN protocol specifies a minimum of 13 bits for the break duration, but there is no
maximum value. Nevertheless, the maximum length of the header is specified as
(14 + 10 + 10 + 1) x 1.4 = 49 bits. This is composed of:
●
the synch break field (14 bits)
●
the synch field (10 bits)
●
the identifier field (10 bits)
Every LIN frame starts with a break character. Adding an idle character increases the length
of each header by 10 bits. When the problem occurs, the header length is increased by 11
bits and becomes ((14 + 11) + 10 + 10 + 1) = 45 bits.
To conclude, the problem is not always critical for LIN communication if the software keeps
the time between the sync field and the ID smaller than 4 bits, that is, 208µs at 19200 baud.
The workaround is the same as for SCI mode but considering the low probability of
occurrence (1%), it may be better to keep the break generation sequence as it is.
24.2.2
16-bit and 8-bit timer PWM mode
In PWM mode, the first PWM pulse is missed after writing the value FFFCh in the OC1R or
OC2R register.
24.3
ROM devices only
24.3.1
16-bit timer PWM mode buffering feature change
In all devices, the frequency and period of the PWM signal are controlled by comparing the
counter with a 16-bit buffer updated by the OCiHR and OCiLR registers. In ROM devices,
contrary to the description in Pulse width modulation mode, the output compare function is
not inhibited after a write instruction to the OCiHR register. Instead the buffer update at the
end of the PWM period is inhibited until OCiLR is written. This improved buffer handling is
fully compatible with applications written for Flash devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com