Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R6-Auto Datasheet(PDF) 322 Page - STMicroelectronics

Part # ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Datasheet(HTML) 322 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 316Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 317Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 318Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 319Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 320Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 321Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 322Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 323Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 324Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 322 / 324 page
background image
Revision history
ST72561-Auto
322/324
Doc ID 12370 Rev 8
25
Revision history
Table 129.
Document revision history
Date
Revision
Changes
03-May-2004
1
Added TQFP 10x10 package
Removed internal RC
Updated Figure 11: Clock, reset and supply block diagram
Added note on monotonous VDD ramp on Section 5.6.1: Low voltage detector (LVD)
Added caution ART Ext clock not available in HALT see Section 11: PWM auto-
reload timer (ART)
Added note “Once the OCIE bit is set both output compare features may trigger...”
and “Once the ICIE bit is set both input capture features may trigger...” in 8-bit timer
Section 13: 8-bit timer (TIM8).
Changed clock from fcpu/8000 to fosc2/8000 in Section 13: 8-bit timer (TIM8)
Changed description of CSR register to read only except bit 2 R/W Section 13: 8-bit
timer (TIM8)
Added note to SPI slave freq. and updated Master mode procedure in Section 14:
Serial peripheral interface (SPI)
Changed description of NF bit in Section 15.10: LIN mode register description
Removed “Configurable timer resolution” under "Time triggered communication
option" from Section 17: beCAN controller (beCAN)
Added Clearing interrupts limitation and SCI wrong break duration to Chapter 24:
Important notes
Removed beCAN Time triggered mode feature from Section 17: beCAN controller
(beCAN)
Renamed CMSR RX and TX bits to REC and TRAN in Section 17: beCAN controller
(beCAN)
Added beCAN FIFO corruption limitation FIFO corruption
Modified IINJ for Port B3 in Section 20.9.1: General characteristics
11-May-2004
2
Modified Clearing interrupts limitation in Chapter 24: Important notes
12-May-2005
3
LIN
SCITM changed to LINSCITM throughout document.
Changed name of WWDGR register to WDGWR in Table 4: Hardware register map
Changed Static power consumption to 200 uA typ in Section 20.9.1: General
characteristics
Modified Readout Protection description in Section 3.3.1: Read-out protection
Added Section 24.1: All devices
Modified Figure 135: RESET pin protection when LVD is enabled and Figure 136:
RESET pin protection when LVD is disabled and related notes
Added 48K ROM version in Table 2: Product overview, Figure 5: Memory map and
Figure 154: ST72561xxx-Auto ROM commercial product structure
24-Oct-2005
4
Added standard version 16K ROM/Flash devices
Modified data retention in Section 20.7: Memory characteristics
Added “6” and “3” standard version device type coding to Figure 152: ST72F561xxx-
Auto Flash commercial product structure and Figure 154: ST72561xxx-Auto ROM
commercial product structure
Modified power consumption Section 20.4: Supply current characteristics
Added CDM in Electrostatic discharge (ESD)
Added “External interrupt missed” Section 24.1.3: External interrupt missed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com