Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561AR4-Auto Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST72561AR4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR4-Auto Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST72561AR4-Auto Datasheet HTML 95Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 96Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 97Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 98Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 99Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 100Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 101Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 102Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 324 page
background image
ST72561-Auto
PWM auto-reload timer (ART)
Doc ID 12370 Rev 8
99/324
11.3
Register description
Control/status register (ARTCSR)
Read/Write
Reset value: 0000 0000 (00h)
Bit 7 = EXCL External Clock
This bit is set and cleared by software. It selects the input clock for the 7-bit prescaler.
0: CPU clock.
1: External clock.
Bit 6:4 = CC[2:0] Counter Clock Control
These bits are set and cleared by software. They determine the prescaler division ratio from
fINPUT.
Bit 3 = TCE Timer Counter Enable
This bit is set and cleared by software. It puts the timer in the lowest power consumption
mode.
0: Counter stopped (prescaler and counter frozen).
1: Counter running.
Bit 2 = FCRL Force Counter Re-Load
This bit is write-only and any attempt to read it will yield a logical zero. When set, it causes
the contents of ARTARR register to be loaded into the counter, and the content of the
prescaler register to be cleared in order to initialize the timer before starting to count.
Bit 1 = OIE Overflow Interrupt Enable
This bit is set and cleared by software. It allows to enable/disable the interrupt which is
generated when the OVF bit is set.
0: Overflow Interrupt disable.
1: Overflow Interrupt enable.
7
0
EXCL
CC2
CC1
CC0
TCE
FCRL
OIE
OVF
Table 43.
Counter clock control
fCOUNTER
With fINPUT=8 MHz
CC2
CC1
CC0
fINPUT
fINPUT / 2
fINPUT / 4
fINPUT / 8
fINPUT / 16
fINPUT / 32
fINPUT / 64
fINPUT / 128
8 MHz
4 MHz
2 MHz
1 MHz
500 kHz
250 kHz
125 kHz
62.5 kHz
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com