Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561AR4-Auto Datasheet(PDF) 240 Page - STMicroelectronics

Part # ST72561AR4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR4-Auto Datasheet(HTML) 240 Page - STMicroelectronics

Back Button ST72561AR4-Auto Datasheet HTML 236Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 237Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 238Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 239Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 240Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 241Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 242Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 243Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
240/324
Doc ID 12370 Rev 8
corresponding interrupt in the CEIER is enabled. Setting this bit generates a status change
interrupt if the ERRIE bit in the CIER register is set.
This bit is cleared by software.
Bit 1 = SLAK Sleep Acknowledge
Read
This bit is set by hardware and indicates to the software that the CAN hardware is now in
sleep mode. This bit acknowledges the sleep mode request from the software (set SLEEP
bit in CMCR register).
This bit is cleared by hardware when the CAN hardware has left sleep mode. Sleep mode is
left when the SLEEP bit in the CMCR register is cleared. Please refer to the AWUM bit of the
CMCR register description for detailed information for clearing SLEEP bit.
Bit 0 = INAK Initialization Acknowledge
Read
This bit is set by hardware and indicates to the software that the CAN hardware is now in
initialization mode. This bit acknowledges the initialization request from the software (set
INRQ bit in CMCR register).
This bit is cleared by hardware when the CAN hardware has left the initialization mode and
is now synchronized on the CAN bus. To be synchronized the hardware has to monitor a
sequence of 11 consecutive recessive bits on the CAN RX signal.
17.8.2
CAN transmit status register (CTSR)
Read/ write
Reset value: 0000 0000 (00h)
Note:
To clear a bit of this register the software must write this bit with a one.
Bits 7:6 = reserved. Forced to 0 by hardware.
Bit 5 = TXOK1 Transmission OK for mailbox 1
Read
This bit is set by hardware when the transmission request on mailbox 1 has been completed
successfully. Please refer to Figure 100.
This bit is cleared by hardware when mailbox 1 is requested for transmission or when the
software clears the RQCP1 bit.
Bit 4 = TXOK0 Transmission OK for mailbox 0
Read
This bit is set by hardware when the transmission request on mailbox 0 has been completed
successfully. Please refer to Figure 100.
This bit is cleared by hardware when mailbox 0 is requested for transmission or when the
software clears the RQCP0 bit.
Bits 3:2 = reserved. Forced to 0 by hardware.
Bit 1 = RQCP1 Request Completed for Mailbox 1
Read/ clear
7
0
00
TXOK1
TXOK0
00
RQCP1
RQCP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com