Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561AR6-Auto Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST72561AR6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR6-Auto Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST72561AR6-Auto Datasheet HTML 94Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 95Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 96Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 97Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 98Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 99Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 100Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 101Page - STMicroelectronics ST72561AR6-Auto Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 324 page
background image
PWM auto-reload timer (ART)
ST72561-Auto
98/324
Doc ID 12370 Rev 8
Figure 45.
Input capture timing diagram, fCOUNTER = fCPU / 4
11.2.9
External interrupt capability
This mode allows the Input capture capabilities to be used as external interrupt sources.
The interrupts are generated on the edge of the ARTICx signal.
The edge sensitivity of the external interrupts is programmable (CSx bit of ARTICCSR
register) and they are independently enabled through CIEx bits of the ARTICCSR register.
After fetching the interrupt vector, the CFx flags can be read to identify the interrupt source.
During HALT mode, the external interrupts can be used to wake up the micro (if the CIEx bit
is set). In this case, the interrupt synchronization is done directly on the ARTICx pin edge
(Figure 46).
Figure 46.
ART external interrupt in halt mode
04h
COUNTER
t
fCOUNTER
xxh
03h
04h
ARTICx PIN
CFx FLAG
ICRx REGISTER
INTERRUPT
fCPU
ICAP SAMPLED
05h
04h
COUNTER
t
fCOUNTER
xxh
03h
05h
ARTICx PIN
CFx FLAG
ICRx REGISTER
INTERRUPT
fCPU
ICAP SAMPLED
05h
ARTICx PIN
CFx FLAG
t
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com