| Electronic Components Datasheet Search |
|
ST72561AR6-Auto Datasheet(PDF) 201 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR6-Auto Datasheet(HTML) 201 Page - STMicroelectronics |
|
201 / 324 page ![]() ST72561-Auto LINSCI serial communication interface (LIN master only) Doc ID 12370 Rev 8 201/324 Idle character When an idle frame is detected, there is the same procedure as a data received character plus an interrupt if the ILIE bit is set and the I bit is cleared in the CCR register. Overrun error An overrun error occurs when a character is received when RDRF has not been reset. Data cannot be transferred from the shift register to the RDR register until the RDRF bit is cleared. When a overrun error occurs: ● The OR bit is set. ● The RDR content is not lost. ● The shift register is overwritten. ● An interrupt is generated if the RIE bit is set and the I bit is cleared in the CCR register. The OR bit is reset by an access to the SCISR register followed by a SCIDR register read operation. Noise error Oversampling techniques are used for data recovery by discriminating between valid incoming data and noise. When noise is detected in a frame: ● The NF is set at the rising edge of the RDRF bit. ● Data is transferred from the shift register to the SCIDR register. ● No interrupt is generated. However this bit rises at the same time as the RDRF bit which itself generates an interrupt. The NF bit is reset by a SCISR register read operation followed by a SCIDR register read operation. Framing error A framing error is detected when: ● The stop bit is not recognized on reception at the expected time, following either a de- synchronization or excessive noise. ● A break is received. When the framing error is detected: ● the FE bit is set by hardware ● Data is transferred from the shift register to the SCIDR register. ● No interrupt is generated. However this bit rises at the same time as the RDRF bit which itself generates an interrupt. The FE bit is reset by a SCISR register read operation followed by a SCIDR register read operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |