| Electronic Components Datasheet Search |
|
ST72561AR9-Auto Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR9-Auto Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 324 page ![]() ST72561-Auto Supply, reset and clock management Doc ID 12370 Rev 8 45/324 The device RESET pin acts as an output that is pulled low when VDD <VIT+ (rising edge) or VDD <VIT- (falling edge) as shown in Figure 14. The LVD filters spikes on VDD larger than tg(VDD) to avoid parasitic resets. 5.5.5 Internal watchdog reset The RESET sequence generated by a internal Watchdog counter overflow is shown in Figure 14. Starting from the Watchdog counter underflow, the device RESET pin acts as an output that is pulled low during at least tw(RSTL)out. Figure 14. Reset sequences 5.6 System integrity management (SI) The System Integrity Management block contains the Low Voltage Detector (LVD) and Auxiliary Voltage Detector (AVD) functions. It is managed by the SICSR register. 5.6.1 Low voltage detector (LVD) The Low Voltage Detector function (LVD) generates a static reset when the VDD supply voltage is below a VIT-(LVD) reference value. This means that it secures the power-up as well as the power-down keeping the ST7 in reset. The VIT-(LVD) reference value for a voltage drop is lower than the VIT+(LVD) reference value for power-on in order to avoid a parasitic reset when the MCU starts running and sinks current on the supply (hysteresis). The LVD reset circuitry generates a reset when VDD is below: ● VIT+(LVD) when VDD is rising ● VIT-(LVD) when VDD is falling VDD RUN RESET PIN EXTERNAL WATCHDOG ACTIVE PHASE VIT+(LVD) VIT-(LVD) th(RSTL)in RUN WATCHDOG UNDERFLOW tw(RSTL)out RUN RUN RESET RESET SOURCE EXTERNAL RESET LVD RESET WATCHDOG RESET INTERNAL RESET (256 or 4096 TCPU) VECTOR FETCH ACTIVE PHASE ACTIVE PHASE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |