Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8TL52X4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8TL52X4
Description  Operating conditions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8TL52X4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8TL52X4 Datasheet HTML 4Page - STMicroelectronics STM8TL52X4 Datasheet HTML 5Page - STMicroelectronics STM8TL52X4 Datasheet HTML 6Page - STMicroelectronics STM8TL52X4 Datasheet HTML 7Page - STMicroelectronics STM8TL52X4 Datasheet HTML 8Page - STMicroelectronics STM8TL52X4 Datasheet HTML 9Page - STMicroelectronics STM8TL52X4 Datasheet HTML 10Page - STMicroelectronics STM8TL52X4 Datasheet HTML 11Page - STMicroelectronics STM8TL52X4 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
Introduction
STM8TL52x4 STM8TL53x4
8/84
DocID022344 Rev 7
1
Introduction
This datasheet provides the STM8TL52G4, STM8TL52F4, STM8TL53C4, STM8TL53G4
and STM8TL53F4 pinouts, ordering information, mechanical and electrical device
characteristics.
For complete information on the microcontroller memory, registers and peripherals, please
refer to the STM8TL5xxx reference manual (RM0312) and to the STM8TL5xxx Flash
programming manual (PM0212) for Flash memory related information. For information on
the debug module and SWIM (single wire interface module), refer to the STM8 SWIM
communication protocol and debug module user manual (UM0470). For information on the
STM8 core, refer to the STM8 CPU programming manual (PM0044).
All devices of the STM8TL5xxx product line provide the following benefits:
Advanced capacitive sensing
–
Patented ProxSense
™ acquisition peripheral, providing high-end acquisition,
filtering and environment adaptation
–
Outstanding signal-to-noise ratio for touch and proximity sensing
–
Up to 300 projected capacitive channels
Reduced system cost
–
Up to 16 Kbyte of low-density embedded Flash program memory including up to
2 Kbyte of data EEPROM
–
High system integration level with internal clock oscillators and watchdogs
–
Smaller battery and cheaper power supplies
Low power consumption and advanced features
–
Up to 16 MIPS at 16 MHz CPU clock frequency
–
Less than 150 µA/MHz, 0.8 µA in Active-halt mode with AWU, and 0.3 µA in Halt
mode
–
Clock gated system and optimized power management
Short development cycles
–
Application scalability across a common family product architecture with
compatible pinout, memory map and modular peripherals
–
Full documentation and a wide choice of development tools
Product longevity
–
Advanced core and peripherals made in a state-of-the-art technology
–
Product family operating from 1.65 V to 3.6 V supply
Note:
ProxSense
™ is a trademark of Azoteq (Pty) Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com