Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F042G4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F042G4
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042G4 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F042G4 Datasheet HTML 1Page - STMicroelectronics STM32F042G4 Datasheet HTML 2Page - STMicroelectronics STM32F042G4 Datasheet HTML 3Page - STMicroelectronics STM32F042G4 Datasheet HTML 4Page - STMicroelectronics STM32F042G4 Datasheet HTML 5Page - STMicroelectronics STM32F042G4 Datasheet HTML 6Page - STMicroelectronics STM32F042G4 Datasheet HTML 7Page - STMicroelectronics STM32F042G4 Datasheet HTML 8Page - STMicroelectronics STM32F042G4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
This is information on a product in full production.
January 2017
DocID025832 Rev 5
1/117
STM32F042x4 STM32F042x6
ARM®-based 32-bit MCU, up to 32 KB Flash, crystal-less USB
FS 2.0, CAN, 9 timers, ADC and comm. interfaces, 2.0 - 3.6 V
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M0 CPU,
frequency up to 48 MHz
• Memories
– 16 to 32 Kbytes of Flash memory
– 6 Kbytes of SRAM with HW parity
• CRC calculation unit
• Reset and power management
– Digital and I/Os supply: VDD = 2 V to 3.6 V
– Analog supply: VDDA = from VDD to 3.6 V
– Selected I/Os: VDDIO2 = 1.65 V to 3.6 V
– Power-on/Power down reset (POR/PDR)
– Programmable voltage detector (PVD)
– Low power modes: Sleep, Stop, Standby
–VBAT supply for RTC and backup registers
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x6 PLL option
– Internal 40 kHz RC oscillator
– Internal 48 MHz oscillator with automatic
trimming based on ext. synchronization
• Up to 38 fast I/Os
– All mappable on external interrupt vectors
– Up to 24 I/Os with 5 V tolerant capability
and 8 with independent supply VDDIO2
• 5-channel DMA controller
• One 12-bit, 1.0 µs ADC (up to 10 channels)
– Conversion range: 0 to 3.6 V
– Separate analog supply: 2.4 V to 3.6 V
• Up to 14 capacitive sensing channels for
touchkey, linear and rotary touch sensors
• Calendar RTC with alarm and periodic wakeup
from Stop/Standby
• Nine timers
– One 16-bit advanced-control timer for six
channel PWM output
– One 32-bit and four 16-bit timers, with up to
four IC/OC, OCN, usable for IR control
decoding
– Independent and system watchdog timers
– SysTick timer
• Communication interfaces
–One I2C interface supporting Fast Mode
Plus (1 Mbit/s) with 20 mA current sink,
SMBus/PMBus and wakeup
– Two USARTs supporting master
synchronous SPI and modem control, one
with ISO7816 interface, LIN, IrDA, auto
baud rate detection and wakeup feature
– Two SPIs (18 Mbit/s) with 4 to 16
programmable bit frames, one with I2S
interface multiplexed
– CAN interface
– USB 2.0 full-speed interface, able to run
from internal 48 MHz oscillator and with
BCD and LPM support
• HDMI CEC, wakeup on header reception
• Serial wire debug (SWD)
• 96-bit unique ID
• All packages ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F042x4
STM32F042F4, STM32F042G4,
STM32F042K4, STM32F042T4, STM32F042C4
STM32F042x6
STM32F042F6, STM32F042G6,
STM32F042K6, STM32F042T6, STM32F042C6
LQFP48 7x7 mm
UFQFPN48 7x7 mm WLCSP36
UFQFPN32 5x5 mm
UFQFPN28 4x4 mm
TSSOP20
LQFP32 7x7 mm
2.6x2.7 mm
6.5x4.4 mm
www.st.com


Similar Part No. - STM32F042G4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F048C6 STMICROELECTRONICS-STM32F048C6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
STM32F048G6 STMICROELECTRONICS-STM32F048G6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
STM32F048T6 STMICROELECTRONICS-STM32F048T6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
More results

Similar Description - STM32F042G4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151C2 STMICROELECTRONICS-STM8L151C2 Datasheet
1Mb / 122P
Reset and supply management
12-May-2017
STM32F070CB STMICROELECTRONICS-STM32F070CB Datasheet
1Mb / 83P
Reset and power management
07-Feb-2016
STM32F072X8 STMICROELECTRONICS-STM32F072X8 Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F098CC STMICROELECTRONICS-STM32F098CC Datasheet
1Mb / 128P
Reset and power management
10-Jan-2017
STM32F302X6 STMICROELECTRONICS-STM32F302X6 Datasheet
1Mb / 138P
Reset and power management
22-Jul-2016
STM32F378XX STMICROELECTRONICS-STM32F378XX Datasheet
1Mb / 131P
Reset and power management
10-Jun-2016
STM32F383XX STMICROELECTRONICS-STM32F383XX Datasheet
1Mb / 125P
Reset and power management
19-Sep-2013
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
Reset and supply management
25-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com