Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LX1G14 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LX1G14
Description  LOW VOLTAGE CMOS SINGLE SCHMITT INVERTER WITH 5V TOLERANT INPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G14 Datasheet(HTML) 4 Page - STMicroelectronics

  74LX1G14 Datasheet HTML 1Page - STMicroelectronics 74LX1G14 Datasheet HTML 2Page - STMicroelectronics 74LX1G14 Datasheet HTML 3Page - STMicroelectronics 74LX1G14 Datasheet HTML 4Page - STMicroelectronics 74LX1G14 Datasheet HTML 5Page - STMicroelectronics 74LX1G14 Datasheet HTML 6Page - STMicroelectronics 74LX1G14 Datasheet HTML 7Page - STMicroelectronics 74LX1G14 Datasheet HTML 8Page - STMicroelectronics 74LX1G14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74LX1G14
4/11
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
VT+
Positive Input
threshold
1.65
0.79
1.16
0.79
1.16
V
2.3
1.11
1.56
1.11
1.56
3
1.5
1.87
1.5
1.87
4.5
2.16
2.74
2.16
2.74
5.5
2.61
3.33
2.61
3.33
VT-
Negative Input
threshold
1.65
0.39
0.62
0.39
0.62
V
2.3
0.58
0.87
0.58
0.87
3
0.84
1.14
0.84
1.14
4.5
1.41
1.79
1.41
1.79
5.5
1.87
2.29
1.87
2.29
VOH
High Level Output
Voltage
1.65 to 4.5
IO=-100 µAVCC-0.1
VCC-0.1
V
1.65
IO=-4 mA
1.2
1.2
2.3
IO=-8 mA
1.9
1.9
3.0
IO=-16 mA
2.4
2.4
IO=-24 mA
2.2
2.2
4.5
IO=-32 mA
3.8
3.8
VOL
Low Level Output
Voltage
1.65 to 4.5
IO=100 µA
0.1
0.1
V
1.65
IO=4 mA
0.45
0.45
2.3
IO=8 mA
0.3
0.3
3.0
IO=16 mA
0.4
0.4
IO=24 mA
0.55
0.55
4.5
IO=32 mA
0.55
0.55
VH
Hysteresis Voltage
1.65
0.37
0.62
0.37
0.62
V
2.3
0.48
0.77
0.48
0.77
3
0.56
0.87
0.56
0.87
4.5
0.71
1.04
0.71
1.04
5.5
0.71
1.11
0.71
1.11
II
Input Leakage
Current
1.65 to 5.5
VI = 0 to 5.5V
± 10
± 10
µA
Ioff
Power Off Leakage
Current
0
VI or VO = 5.5V
10
10
µA
ICC
Quiescent Supply
Current
1.65 to 5.5
VI =VCC or GND
10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com