Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410X8 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F410X8
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410X8 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F410X8 Datasheet HTML 64Page - STMicroelectronics STM32F410X8 Datasheet HTML 65Page - STMicroelectronics STM32F410X8 Datasheet HTML 66Page - STMicroelectronics STM32F410X8 Datasheet HTML 67Page - STMicroelectronics STM32F410X8 Datasheet HTML 68Page - STMicroelectronics STM32F410X8 Datasheet HTML 69Page - STMicroelectronics STM32F410X8 Datasheet HTML 70Page - STMicroelectronics STM32F410X8 Datasheet HTML 71Page - STMicroelectronics STM32F410X8 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 142 page
background image
Electrical characteristics
STM32F410x8/B
68/142
DocID028094 Rev 5
Table 29. Typical and maximum current consumption in Sleep mode - VDD = 1.7 V
Symbol
Parameter
Conditions
fHCLK
(MHz)
Voltage
scale
PLL
VCO
(MHz)(1)
Typ
Max(2)
Unit
TA=
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD
Supply
current in
Sleep
mode
All peripherals
enabled(3) (4),
External clock,
PLL ON, Flash
memory in
Deep power
down mode
100
S1
200
7.7
7,9
8,8
9,2
10.0
mA
84
S2
168
6.2
6,4
7,1
7,5
8.3
64
S3
128
4.3
4,5
5,0
5,3
6.1
50
S3
100
3.4
3,6
4,0
4,4
5.2
25
S3
100
2.0
2,1
2,4
2,7
3.5
20
S3
160
1.8
1,9
2,3
2,6
3.4
All peripherals
enabled(3)(4),
HSI, PLL OFF,
Flash memory
in Deep power
down mode
16
S3
off
1.1
1,2
1,5
1,9
2.7
1
S3
off
0.3
0,4
0,7
1,0
1.8
All peripherals
enabled(3)(4),
External clock,
PLL ON, Flash
memory ON
100
S1
200
8.1
8,4
9,3
9,7
10.5
84
S2
168
6.6
6,8
7,5
7,9
8.7
64
S3
128
4.7
4,8
5,4
5,7
6.5
50
S3
100
3.8
3,9
4,4
4,7
5.5
25
S3
100
2.3
2,4
2,7
3,1
3.9
20
S3
160
2.1
2,2
2,6
2,9
3.7
All peripherals
enabled(3)(4),
HSI, PLL OFF,
Flash memory
ON
16
S3
off
1.4
1,5
1,8
2,2
3.0
1
S3
off
0.5
0,6
1,0
1,3
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com