Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410T8 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32F410T8
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410T8 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32F410T8 Datasheet HTML 71Page - STMicroelectronics STM32F410T8 Datasheet HTML 72Page - STMicroelectronics STM32F410T8 Datasheet HTML 73Page - STMicroelectronics STM32F410T8 Datasheet HTML 74Page - STMicroelectronics STM32F410T8 Datasheet HTML 75Page - STMicroelectronics STM32F410T8 Datasheet HTML 76Page - STMicroelectronics STM32F410T8 Datasheet HTML 77Page - STMicroelectronics STM32F410T8 Datasheet HTML 78Page - STMicroelectronics STM32F410T8 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 142 page
background image
DocID028094 Rev 5
75/142
STM32F410x8/B
Electrical characteristics
118
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
At startup, all I/O pins are in analog input configuration.
•
All peripherals are disabled unless otherwise mentioned.
•
The ART accelerator is ON.
•
Voltage Scale 2 mode selected, internal digital voltage V12 = 1.26 V.
•
HCLK is the system clock at 100 MHz. fPCLK1 = fHCLK/2, and fPCLK2 = fHCLK.
The given value is calculated by measuring the difference of current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
•
Ambient operating temperature is 25 °C and VDD=3.3 V.
Table 36. Peripheral current consumption
Peripheral
IDD (Typ)
Unit
Voltage
scale1
Voltage
scale2
Voltage
scale3
AHB1
(up to 100 MHz)
GPIOA
1.68
1.62
1.42
µA/MHz
GPIOB
1.67
1.60
1.41
GPIOC
1.63
1.56
1.39
GPIOH
0.61
0.61
0.52
CRC
0.31
0.32
0.25
DMA1(1)
1.67N +
3.12
1.60N +
2.96
1.43N +
2.64
DMA2(1)
1.59N +
2.83
1.52N +
2.65
1.36N +
2.41
RNG
0.90
0.88
0.75
APB1
(up to 50 MHz)
APB1 to AHB
0,78
0,74
0,63
µA/MHz
TIM5
13,38
12,76
11,41
TIM6
2,14
1,98
1,75
LPTIM
8,22
7,88
7,06
WWDG
0,64
0,64
0,56
SPI2/I2S2
2,42
2,33
2,06
USART2
3,38
3,29
2,91
I2C1
3,46
3,33
2,97
I2C2
3,50
3,31
2,97
I2C4
4,82
4,64
4,09
PWR
0,66
0,64
0,62
DAC
0,84
0,81
0,78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com