Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410CB Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F410CB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410CB Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F410CB Datasheet HTML 57Page - STMicroelectronics STM32F410CB Datasheet HTML 58Page - STMicroelectronics STM32F410CB Datasheet HTML 59Page - STMicroelectronics STM32F410CB Datasheet HTML 60Page - STMicroelectronics STM32F410CB Datasheet HTML 61Page - STMicroelectronics STM32F410CB Datasheet HTML 62Page - STMicroelectronics STM32F410CB Datasheet HTML 63Page - STMicroelectronics STM32F410CB Datasheet HTML 64Page - STMicroelectronics STM32F410CB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 142 page
background image
DocID028094 Rev 5
61/142
STM32F410x8/B
Electrical characteristics
118
Table 23. Typical and maximum current consumption in run mode, code with data processing
(ART accelerator enabled except prefetch) running from Flash memory- VDD = 1.7 V
Symbol Parameter
Conditions
fHCLK
(MHz)
Voltage
scale
PLL
VCO
(MHz)
(1)
Typ
Max(2)
Unit
TA=
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C
IDD
Supply
current in
Run mode
External clock,
all peripherals
enabled(3)(4)
100
S1
200
15.7
16.5
16.5
16.9
17.8
mA
84
S2
168
12.7
13.3
13.4
13.8
14.6
64
S3
128
8.8
9.3
9.4
9.7
10.6
50
S3
100
7.0
7.4
7.5
7.8
8.6
25
S3
100
3.9
4.1
4.3
4.7
5.6
20
S3
160
3.4
3.6
3.8
4.2
5.1
HSI, PLL OFF,
all peripherals
enabled(3)(4)
16
S3
off
2.4
2.5
2.8
3.2
4.1
1
S3
off
0.6
0.7
1.0
1.4
2.3
External clock,
all peripherals
disabled(3)
100
S1
200
10.1
10.7
10.8
11.2
12.0
84
S2
168
8.2
8.6
8.7
9.1
10.0
64
S3
128
5.7
6.1
6.2
6.6
7.4
50
S3
100
4.6
4.9
5.0
5.4
6.3
25
S3
100
2.6
2.8
3.0
3.4
4.3
20
S3
160
2.4
2.5
2.8
3.1
4.0
HSI, PLL OFF,
all peripherals
disabled(3)
16
S3
off
1.7
1.8
2.1
2.4
3.3
1
S3
off
0.6
0.6
1.0
1.4
2.2
1. Refer to Table 44 and RM0401 for the possible PLL VCO setting
2. Guaranteed by characterization, unless otherwise specified.
3. When the ADC is ON (ADON bit set in ADC_CR2), an additional power consumption of 1.6 mA must be added.
4. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com