Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPS-025CLTP0 Datasheet(PDF) 4 Page - SICK AG

Part # MPS-025CLTP0
Description  POSITION SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MPS-025CLTP0 Datasheet(HTML) 4 Page - SICK AG

  MPS-025CLTP0 Datasheet HTML 1Page - SICK AG MPS-025CLTP0 Datasheet HTML 2Page - SICK AG MPS-025CLTP0 Datasheet HTML 3Page - SICK AG MPS-025CLTP0 Datasheet HTML 4Page - SICK AG MPS-025CLTP0 Datasheet HTML 5Page - SICK AG MPS-025CLTP0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MPS-025CLTP0 | MPS-C
POSITION SENSORS
UNSPSC 16.0901
39122230
Connection diagram
Cd-357
1
+ (L+)
UA (0 ... 10 V)/IA (4 ... 20 mA)
Q/IO-Link
- (M)
2
4
3
brn
wht
blk
blu
Dimensional drawing (Dimensions in mm (inch))
L1
L2
22.4
(0.88)
12.2
(0.48)
Total length
Measuring range
(L1) mm
(L2) mm
MPS-xxx
40.6
25
MPS-xxx
64.9
50
MPS-xxx
114.9
100
MPS-xxx
214.7
200
①  Teach-in button
②  Status LEDs
③  Operating LEDs
④  Fixing screw SW1.5
Recommended accessories
Other models and accessories
www.sick.com/MPS-C
Brief description
Type
Part no.
Brackets for cylinder sensors
Mounting bracket for integrated profile cylinder/tie-rod cylinder, Zinc diecast, mounting
hardware included
BEF-KHZ-PC1
2076170
1 piece, Mounting bracket on round body cylinder with piston diameter of 1 mm ...
130 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Aluminum
BEF-KHZ-RC1-130
2077686
1 piece, Mounting bracket on round body cylinder with piston diameter of 1 mm ...
25 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Aluminum
BEF-KHZ-RC1-25
2077685
Mounting bracket for mounting on SMC rails CDQ2 (C-slot), Aluminum
BEF-KHZ-TC2
2046442
Mounting bracket for mounting on SMC rails ECDQ2 (C-slot), Aluminum, without mount-
ing hardware
BEF-KHZ-TC1
2046441
4
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com