Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STOD03A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STOD03A
Description  Dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03A Datasheet(HTML) 3 Page - STMicroelectronics

  STOD03A Datasheet HTML 1Page - STMicroelectronics STOD03A Datasheet HTML 2Page - STMicroelectronics STOD03A Datasheet HTML 3Page - STMicroelectronics STOD03A Datasheet HTML 4Page - STMicroelectronics STOD03A Datasheet HTML 5Page - STMicroelectronics STOD03A Datasheet HTML 6Page - STMicroelectronics STOD03A Datasheet HTML 7Page - STMicroelectronics STOD03A Datasheet HTML 8Page - STMicroelectronics STOD03A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DocID17785 Rev 3
3/22
STOD03A
Schematic
22
1
Schematic
Note:
All the above components refer to the typical application performance characteristics.
Operation of the device is not limited to the choice of these external components. Inductor
values ranging from 2.2 µH to 6.8 µH can be used together with the STOD03A. See
Section 7.1.1 for peak inductor current calculation.
Figure 1. Application schematic
L1
L
2
C
MID
C
O2
C
REF
L
X2
V
O2
V
MID
PGND AGND
C
IN
VBAT
L
X1
V
INA
V
INP
EN
S
WIRE
VREF
STOD03A
S-Wire
EN
L1
L
2
C
MID
C
O2
C
REF
L
X2
V
O2
V
MID
PGND AGND
C
IN
VBAT
L
X1
V
INA
V
INP
EN
S
WIRE
VREF
STOD03A
S-Wire
EN
Table 2. Typical external components
Component
Manufacturer
Part number
Value
Size
L1
ABCO
LPF2807T-4R7M
4.7µH
2.8 x 2.8 x 0.7mm
L2
(1)
ABCO
LPF3509T-4R7M
4.7µH
3.5 x 3.5 x 1.0mm
TDK
VLF4014AT-4R7M1R1
4.7µH
3.7 x 3.5 x 1.4mm
CIN
Murata
GRM21BR61E475KA12
4.7µF
0805
CMID
Murata
GRM21BR61E475KA12
4.7µF
0805
CO2
Murata
GRM21BR61E475KA12
4.7µF
0805
CREF
Murata
GRM155R60J105KE19
1µF
0402
1.
From - 5.0 V to -5.4 V, 200 mA load can be provided with inductor saturation current as a minimum of 1 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com