Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 125Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 126Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 127Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 128Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 129Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 130Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 131Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 132Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 255 page
background image
DocID029041 Rev 4
129/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Table 31. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (Single bank mode, ART ON except prefetch / L1-cache ON)
or SRAM on AXI (L1-cache ON), regulator OFF
Symbol Parameter Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA= 25 °C
TA= 85 °C
TA= 105 °C
IDD12
IDD
IDD12
IDD
IDD12
IDD
IDD12
IDD
IDD12/
IDD
Supply
current in
RUN mode
from V12
and VDD
supply
All
Peripherals
Enabled(2)(3)
180
152
1
167
2
200
2
220
2
mA
168
136
1
148
2
179
2
198
2
144
105
1
115
2
141
2
158
2
60
47
1
53
2
79
2
96
2
25
22
1
27
2
53
2
70
2
All
Peripherals
Disabled(3)
180
74
1
83
2
116
2
136
2
168
65
1
73
2
104
2
123
2
144
50
1
57
2
83
2
100
2
60
22
1
27
2
53
2
70
2
25
10
1
14
2
41
2
58
2
1. Guaranteed by characterization results.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.73 mA per ADC
for the analog part.
Table 32. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (Dual bank mode, ART ON except prefetch / L1-cache ON)
or SRAM on AXI (L1-cache ON), regulator OFF
Symbol Parameter Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA= 25 °C
TA= 85 °C
TA= 105 °C
IDD12
IDD
IDD12
IDD
IDD12
IDD
IDD12
IDD
IDD12/
IDD
Supply
current in
RUN mode
from V12
and VDD
supply
All
Peripherals
Enabled(2)(3)
180
152
1
167
2
200
2
220
2
mA
168
136
1
148
2
179
2
198
2
144
105
1
115
2
141
2
158
2
60
47
1
53
2
79
2
96
2
25
22
1
27
2
53
2
70
2
All
Peripherals
Disabled(3)
180
74
1
82
2
114
2
137
2
168
65
1
73
2
104
2
123
2
144
50
1
57
2
83
2
100
2
60
22
1
27
2
53
2
70
2
25
10
1
14
2
41
2
58
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com