Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 127Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 128Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 129Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 130Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 131Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 132Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 133Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 134Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 255 page
background image
DocID029041 Rev 4
131/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Table 34. Typical and maximum current consumption in Sleep mode, regulator OFF
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA= 25 °C
TA= 85 °C
TA= 105 °C
IDD12 IDD IDD12
IDD IDD12
IDD
IDD12
IDD
IDD12/
IDD
Supply
current in
RUN mode
from V12
and VDD
supply
All
Peripherals
Enabled(2)
180
102
1
114
2
148
2
168
2
mA
168
91
1
101
2
132
2
152
2
144
71
1
78
2
105
2
122
2
60
32
1
37
2
64
2
81
2
25
16
1
20
2
46
2
64
2
All
Peripherals
Disabled
180
13
1
18
2
53
2
73
2
168
12
1
16
2
47
2
67
2
144
9
1
13
2
39
2
56
2
60
5
1
9
2
35
2
52
2
25
3
1
7
2
33
2
50
2
1. Guaranteed by characterization results, unless otherwise specified.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
Table 35. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD = 3.6 V
TA =
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD_STOP_NM
(normal mode)
Supply current in Stop
mode, main regulator in
Run mode
Flash memory in Stop mode,
all oscillators OFF, no IWDG
0.55
3
18
27
mA
Flash memory in Deep power
down mode, all oscillators OFF
0.5
3
18
27
Supply current in Stop
mode, main regulator in
Low-power mode
Flash memory in Stop mode, all
oscillators OFF, no IWDG
0.42
2.5
15
24
Flash memory in Deep power
down mode, all oscillators OFF, no
IWDG
0.37
2.5
15
24
IDD_STOP_UDM
(under-drive
mode)
Supply current in Stop
mode, main regulator in
Low voltage and under-
drive modes
Regulator in Run mode, Flash
memory in Deep power down
mode, all oscillators OFF, no
IWDG
0.18
1.2
6
10
Regulator in Low-power mode,
Flash memory in Deep power
down mode, all oscillators OFF, no
IWDG
0.13
1.1
6
10
1. Data based on characterization, tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com