Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 160 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 156Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 157Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 158Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 159Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 160Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 161Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 162Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 163Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
160/255
DocID029041 Rev 4
Prequalification trials
Most of the common failures (unexpected reset and program counter corruption) can be
reproduced by manually forcing a low state on the NRST pin or the Oscillator pins for 1
second.
To complete these trials, ESD stress can be applied directly on the device, over the range of
specification values. When unexpected behavior is detected, the software can be hardened
to prevent unrecoverable errors occurring (see application note AN1015).
Electromagnetic Interference (EMI)
The electromagnetic field emitted by the device are monitored while a simple application,
executing EEMBC code, is running. This emission test is compliant with SAE IEC61967-2
standard which specifies the test board and the pin loading.
5.3.18
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU) using specific measurement methods, the device is
stressed in order to determine its performance in terms of electrical sensitivity.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts × (n+1) supply pins). This test
conforms to the ANSI/ESDA/JEDEC JS-001-2012 and ANSI/ESD S5.3.1-2009 standards.
Table 61. EMI characteristics
Symbol Parameter
Conditions
Monitored
frequency band
Max vs.
[fHSE/fCPU]
Unit
8/200 MHz
SEMI
Peak level
VDD = 3.6 V, TA = 25 °C, TFBGA216 package,
conforming to IEC61967-2 ART/L1-cache ON,
over-drive ON, all peripheral clocks enabled,
clock dithering disabled.
0.1 to 30 MHz
5
dBμV
30 to 130 MHz
10
130 MHz to 1 GHz
18
1 GHz to 2 GHz
10
EMI Level
3.5
-
VDD = 3.6 V, TA = 25 °C, TFBGA216 package,
conforming to IEC61967-2 ART/L1-cache ON,
over-drive ON, all peripheral clocks enabled,
clock dithering enabled.
0.1 to 30 MHz
2
dBμV
30 to 130 MHz
9
130 MHz to 1 GHz
14
1 GHz to 2 GHz
9
EMI Level
3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com