Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 158Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 159Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 160Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 161Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 162Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 163Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 164Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 165Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
162/255
DocID029041 Rev 4
Note:
It is recommended to add a Schottky diode (pin to ground) to analog pins which may
potentially inject negative currents.
5.3.20
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 65: I/O static characteristics are
derived from tests performed under the conditions summarized in Table 17. All I/Os are
CMOS and TTL compliant.
Table 64. I/O current injection susceptibility(1)
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
IINJ
Injected current on BOOT0, DSI_D0P, DSI_D0N, DSI_D1P,
DSI_D1N, DSI_CKP, DSI_CKN pin
00
mA
Injected current on NRST pin
0NA
Injected current on PC0, PC2, PH1_OSCOUT pins
0NA
Injected current on any other FT pin
5NA
Injected current on any other pins
5+5
1. NA = not applicable
.
Table 65. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
FT, TTa and NRST I/O input
low level voltage
1.7 V≤ VDD≤ 3.6 V-
-
0.35VDD 0.04(1)
V
0.3VDD(2)
BOOT I/O input low level
voltage
1.75 V≤ VDD ≤3.6 V,–
40 °C≤ TA ≤ 105 °C
--
0.1VDD+0.1(1)
1.7 V≤ VDD ≤ 3.6 V,
0 °C≤ TA ≤ 105 °C
--
VIH
FT, TTa and NRST I/O input
high level voltage(5)
1.7 V≤ VDD≤ 3.6 V
0.45VDD+0.3(1)
--
V
0.7VDD(2)
BOOT I/O input high level
voltage
1.75 V≤ VDD ≤3.6 V,–
40 °C≤ TA ≤ 105 °C
0.17VDD+0.7(1)
--
1.7 V≤ VDD ≤ 3.6 V,
0 °C≤ TA ≤ 105 °C
VHYS
FT, TTa and NRST I/O input
hysteresis
1.7 V≤ VDD≤ 3.6 V
10%VDD(3)
--
V
BOOT I/O input hysteresis
1.75 V≤ VDD ≤3.6 V,–
40 °C≤ TA ≤ 105 °C
0.1
-
-
1.7 V≤ VDD ≤ 3.6 V,
0 °C≤ TA ≤ 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com