Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 165Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 166Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 167Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 168Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 169Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 170Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 171Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 172Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 255 page
background image
DocID029041 Rev 4
169/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
5.3.22
TIM timer characteristics
The parameters given in Table 69 are guaranteed by design.
Refer to Section 5.3.20: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
5.3.23
RTC characteristics
5.3.24
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 71 are derived from tests
performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage
conditions summarized in Table 17.
Table 69. TIMx characteristics(1)(2)
1. TIMx is used as a general term to refer to the TIM1 to TIM12 timers.
2. Guaranteed by design.
Symbol
Parameter
Conditions(3)
3. The maximum timer frequency on APB1 or APB2 is up to 216 MHz, by setting the TIMPRE bit in the
RCC_DCKCFGR register, if APBx prescaler is 1 or 2 or 4, then TIMxCLK = HCLK, otherwise TIMxCLK =
4x PCLKx.
Min
Max
Unit
tres(TIM)
Timer resolution time
AHB/APBx prescaler=1
or 2 or 4, fTIMxCLK =
216 MHz
1-
tTIMxCLK
AHB/APBx
prescaler>4, fTIMxCLK =
100 MHz
1-
tTIMxCLK
fEXT
Timer external clock
frequency on CH1 to CH4 f
TIMxCLK = 216 MHz
0
fTIMxCLK/2
MHz
ResTIM
Timer resolution
-
16/32
bit
tMAX_COUNT
Maximum possible count
with 32-bit counter
--
65536 ×
65536
tTIMxCLK
Table 70. RTC characteristics
Symbol
Parameter
Conditions
Min
Max
-fPCLK1/RTCCLK frequency ratio
Any read/write operation
from/to an RTC register
4-
Table 71. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
VDDA − VREF+ < 1.2 V
1.7(1)
-
3.6
V
VREF+
Positive reference voltage
1.7(1)
-VDDA
V
fADC
ADC clock frequency
VDDA = 1.7(1) to 2.4 V
0.6
15
18
MHz
VDDA = 2.4 to 3.6 V
0.6
30
36
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com