Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 166Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 167Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 168Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 169Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 170Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 171Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 172Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 173Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
170/255
DocID029041 Rev 4
fTRIG(2) External trigger frequency
fADC = 30 MHz,
12-bit resolution
-
-
1764
kHz
-
-
-
17
1/fADC
VAIN
Conversion voltage range(3)
-
0
(VSSA or VREF-
tied to ground)
-VREF+
V
RAIN(2)
External input impedance
See Equation 1 for
details
-
-
50
k
Ω
RADC(2)(4) Sampling switch resistance
-
-
-
6
k
Ω
CADC(2)
Internal sample and hold
capacitor
-
-
4
7
pF
tlat(2)
Injection trigger conversion
latency
fADC = 30 MHz
-
-
0.100
μs
--
3(5)
1/fADC
tlatr(2)
Regular trigger conversion
latency
fADC = 30 MHz
-
-
0.067
μs
--
2(5)
1/fADC
tS(2)
Sampling time
fADC = 30 MHz
0.100
-
16
μs
-
3
-
480
1/fADC
tSTAB(2) Power-up time
-
-
2
3
μs
tCONV(2)
Total conversion time (including
sampling time)
fADC = 30 MHz
12-bit resolution
0.50
-
16.40
μs
fADC = 30 MHz
10-bit resolution
0.43
-
16.34
μs
fADC = 30 MHz
8-bit resolution
0.37
-
16.27
μs
fADC = 30 MHz
6-bit resolution
0.30
-
16.20
μs
9 to 492 (tS for sampling +n-bit resolution for successive
approximation)
1/fADC
fS(2)
Sampling rate
(fADC = 36 MHz, and
tS = 3 ADC cycles)
12-bit resolution
Single ADC
-
-
2.4
Msps
12-bit resolution
Interleave Dual ADC
mode
-
-
4.5
Msps
12-bit resolution
Interleave Triple ADC
mode
-
-
7.2
Msps
Table 71. ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com