Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 180 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 176Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 177Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 178Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 179Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 180Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 181Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 182Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 183Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
180/255
DocID029041 Rev 4
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 85 for the SPI interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 5.3.20: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 85. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
SPI1,4,5,6
2.7≤VDD≤3.6
--
54(2)
MHz
Master mode
SPI1,4,5,6
1.71≤VDD≤3.6
27
Master transmitter mode
SPI1,4,5,6
1.71≤VDD≤3.6
54
Slave receiver mode
SPI1,4,5,6
1.71≤VDD≤3.6
54
Slave mode transmitter/full
duplex
SPI1,4,5,6
2.7≤VDD≤3.6
50(3)
Slave mode transmitter/full
duplex
SPI1,4,5,6
1.71≤VDD≤3.6
37(3)
Master & Slave mode
SPI2,3
1.71≤VDD≤3.6
27
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*TPLCK
--
ns
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2*TPLCK
--
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
TPLCK - 2
TPLCK
TPLCK + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com