Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 183 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 179Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 180Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 181Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 182Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 183Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 184Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 185Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 186Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 255 page
background image
DocID029041 Rev 4
183/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
I2S interface characteristics
Unless otherwise specified, the parameters given in Table 86 for the I2S interface are
derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 5.3.20: I/O port characteristics for more details on the input/output alternate
function characteristics (CK, SD, WS).
Note:
Refer to RM0410 reference manual I2S section for more details about the sampling
frequency (FS). fMCK, fCK, and DCK values reflect only the digital peripheral behavior. The
values of these parameters might be slightly impacted by the source clock precision. DCK
depends mainly on the value of ODD bit. The digital contribution leads to a minimum value
of (I2SDIV/(2*I2SDIV+ODD) and a maximum value of (I2SDIV+ODD)/(2*I2SDIV+ODD). FS
maximum value is supported for each mode/condition.
Table 86. I2S dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
I2S Main clock output
-
256x8K
256xFs(2)
MHz
fCK
I2S clock frequency
Master data
-
64xFs
MHz
Slave data
-
64xFs
DCK
I2S clock frequency duty cycle Slave receiver
30
70
%
tv(WS)
WS valid time
Master mode
-
3
ns
th(WS)
WS hold time
Master mode
0
-
tsu(WS)
WS setup time
Slave mode
5
-
th(WS)
WS hold time
Slave mode
2
-
tsu(SD_MR)
Data input setup time
Master receiver
2.5
-
tsu(SD_SR)
Slave receiver
2.5
-
th(SD_MR)
Data input hold time
Master receiver
3.5
-
th(SD_SR)
Slave receiver
2
-
tv(SD_ST)
Data output valid time
Slave transmitter (after enable edge)
-
12
tv(SD_MT)
Master transmitter (after enable edge)
-
3
th(SD_ST)
Data output hold time
Slave transmitter (after enable edge)
5
-
th(SD_MT)
Master transmitter (after enable edge)
0
-
1. Guaranteed by characterization results.
2. The maximum value of 256xFs is 49.152 MHz (APB1 maximum frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com