Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 185 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 181Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 182Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 183Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 184Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 185Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 186Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 187Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 188Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 255 page
background image
DocID029041 Rev 4
185/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
JATG/SWD characteristics
Unless otherwise specified, the parameters given in Table 87 for JTAG/SWD are derived
from tests performed under the ambient temperature, fHCLK frequency and VDD supply
voltage conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30 pF
•
Measurement points are performed at CMOS levels: 0.5VDD
Refer to Section 5.3.20: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK,SD,WS).
Table 87. Dynamics characteristics: JTAG characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fpp
TCK clock frequency
2.7V <VDD< 3.6V
-
-
40
MHz
1/tc(TCK)
1.71 <VDD< 3.6V
--
35
tw(TCKH)
SCK high and low time
-
TPCLK − 1TPCLK
TPCLK + 1
ns
tw(TCKL)
tsu(TMS)
TMS input setup time
-
3
-
-
th(TMS)
TMS input hold time
-
0
-
-
tsu(TDI)
TDI input setup time
-
0.5
-
-
th(TDI)
TDI input hold time
-
2
-
-
tov (TDO)
TDO output valid time
2.7V <VDD< 3.6V
-
9
11
1.71 <VDD< 3.6V
-9
13
toh(TDO)
TDO output hold time
-
7.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com