Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 187 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 183Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 184Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 185Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 186Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 187Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 188Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 189Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 190Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 255 page
background image
DocID029041 Rev 4
187/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Figure 52. SWD timing diagram
SAI characteristics:
Unless otherwise specified, the parameters given in Table 89 for SAI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 17, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30 pF
•
Measurement points are performed at CMOS levels: 0.5VDD
Refer to Section 5.3.20: I/O port characteristics for more details on the input/output alternate
function characteristics (SCK,SD,WS).
Table 89. SAI characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
SAI Main clock output
-
256 x 8K
256xFs
MHz
FCK
SAI clock frequency(2)
Master data: 32 bits
-
128xFs(3)
MHz
Slave data: 32 bits
-
128xFs
tv(FS)
FS valid time
Master mode
2.7≤VDD≤3.6V
-15
ns
Master mode
1.71≤VDD≤3.6V
-20
tsu(FS)
FS setup time
Slave mode
7
-
th(FS)
FS hold time
Master mode
1
-
Slave mode
1
-
tsu(SD_A_MR)
Data input setup time
Master receiver
3
-
tsu(SD_B_SR)
Slave receiver
3.5
-
th(SD_A_MR)
Data input hold time
Master receiver
5
-
th(SD_B_SR)
Slave receiver
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com